Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STN1360 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2STN1360
Description  LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STN1360 Datasheet(HTML) 3 Page - STMicroelectronics

  2STN1360 Datasheet HTML 1Page - STMicroelectronics 2STN1360 Datasheet HTML 2Page - STMicroelectronics 2STN1360 Datasheet HTML 3Page - STMicroelectronics 2STN1360 Datasheet HTML 4Page - STMicroelectronics 2STN1360 Datasheet HTML 5Page - STMicroelectronics 2STN1360 Datasheet HTML 6Page - STMicroelectronics 2STN1360 Datasheet HTML 7Page - STMicroelectronics 2STN1360 Datasheet HTML 8Page - STMicroelectronics 2STN1360 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2STF1360 - 2STN1360
2 Electrical Characteristics
3/11
2
Electrical Characteristics
Table 3.
Electrical Characteristics (TCASE = 25°C; unless otherwise specified)
Note: 1 Pulsed duration = 300
µs, duty cycle ≤1.5%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off Current
(IE = 0)
VCB = 80 V
100
nA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 6 V
100
nA
VBE
Base-Emitter Voltage
VCE = 2 V
IC = 100 mA
630
670
730
mV
VCE(sat)
Note: 1
Collector-Emitter Saturation
Voltage
IC = 2 A __ _
IB = 100 mA
IC = 3 A
__ _ IB = 150 mA
150
210
300
500
mV
mV
VBE(sat)
Note: 1
Base-Emitter Saturation
Voltage
IC = 2 A __ _
IB = 100 mA
0.89
1.2
V
hFE
Note: 1
DC Current Gain
IC = 100 mA _ VCE = 2 V
IC = 1 A _
VCE = 2 V
80
160
280
400
td
tr
ts
tf
RESISTIVE LOAD
Delay Time
Rise Time
Storage Time
Fall Time
VCC = 10 V
IC = 3 A
IB1 = - IB2 = 300 mA
(see figure 8)
17
81
620
54
20
100
720
65
ns
ns
ns
ns
fT
Transition Frequency
IC = 0.1 A ___
VCE = 10 V
130
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com