Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885EC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MPC885EC
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC885EC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MPC885EC Datasheet HTML 12Page - NXP Semiconductors MPC885EC Datasheet HTML 13Page - NXP Semiconductors MPC885EC Datasheet HTML 14Page - NXP Semiconductors MPC885EC Datasheet HTML 15Page - NXP Semiconductors MPC885EC Datasheet HTML 16Page - NXP Semiconductors MPC885EC Datasheet HTML 17Page - NXP Semiconductors MPC885EC Datasheet HTML 18Page - NXP Semiconductors MPC885EC Datasheet HTML 19Page - NXP Semiconductors MPC885EC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
16
Freescale Semiconductor
Layout Practices
Figure 5. Example Voltage Sequencing Circuit
9
Layout Practices
Each VDD pin on the MPC885/MPC880 should be provided with a low-impedance path to the board’s
supply. Each GND pin should likewise be provided with a low-impedance path to ground. The power
supply pins drive distinct groups of logic on chip. The VDD power supply should be bypassed to ground
using at least four 0.1 µF by-pass capacitors located as close as possible to the four sides of the package.
Each board designed should be characterized and additional appropriate decoupling capacitors should be
used if required. The capacitor leads and associated printed-circuit traces connecting to chip VDD and
GND should be kept to less than half an inch per capacitor lead. At a minimum, a four-layer board
employing two inner layers as VDD and GND planes should be used.
All output pins on the MPC885/MPC880 have fast rise and fall times. Printed-circuit (PC) trace
interconnection length should be minimized in order to minimize undershoot and reflections caused by
these fast output switching times. This recommendation particularly applies to the address and data buses.
Maximum PC trace lengths of six inches are recommended. Capacitance calculations should consider all
device loads as well as parasitic capacitances due to the PC traces. Attention to proper PCB layout and
bypassing becomes especially critical in systems with higher capacitive loads because these loads create
higher transient currents in the VDD and GND circuits. Pull up all unused inputs or signals that will be
inputs during reset. Special care should be taken to minimize the noise levels on the PLL supply pins. For
more information, please refer to the MPC885 PowerQUICC™ Family Reference Manual, Section 14.4.3,
“Clock Synthesizer Power (VDDSYN, VSSSYN, VSSSYN1).”
10 Bus Signal Timing
The maximum bus speed supported by the MPC885/MPC880 is 80 MHz. Higher-speed parts must be
operated in half-speed bus mode (for example, an MPC885/MPC880 used at 133 MHz must be configured
for a 66 MHz bus). Table 7 shows the frequency ranges for standard part frequencies in 1:1 bus mode, and
Table 8 shows the frequency ranges for standard part frequencies in 2:1 bus mode.
VDDH
VDDL
1N5820
MUR420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com