Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885ZP133 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MPC885ZP133
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC885ZP133 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MPC885ZP133 Datasheet HTML 32Page - NXP Semiconductors MPC885ZP133 Datasheet HTML 33Page - NXP Semiconductors MPC885ZP133 Datasheet HTML 34Page - NXP Semiconductors MPC885ZP133 Datasheet HTML 35Page - NXP Semiconductors MPC885ZP133 Datasheet HTML 36Page - NXP Semiconductors MPC885ZP133 Datasheet HTML 37Page - NXP Semiconductors MPC885ZP133 Datasheet HTML 38Page - NXP Semiconductors MPC885ZP133 Datasheet HTML 39Page - NXP Semiconductors MPC885ZP133 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
36
Freescale Semiconductor
Bus Signal Timing
Table 10 provides the interrupt timing for the MPC885/MPC880.
Figure 26 provides the interrupt detection timing for the external level-sensitive lines.
Figure 26. Interrupt Detection Timing for External Level Sensitive Lines
Figure 27 provides the interrupt detection timing for the external edge-sensitive lines.
Figure 27. Interrupt Detection Timing for External Edge Sensitive Lines
Table 10. Interrupt Timing
Num
Characteristic1
1 The I39 and I40 timings describe the testing conditions under which the IRQ lines are tested when being defined as level
sensitive. The IRQ lines are synchronized internally and do not have to be asserted or negated with reference to the CLKOUT.
The I41, I42, and I43 timings are specified to allow correct functioning of the IRQ lines detection circuitry and have no direct
relation with the total system interrupt latency that the MPC885/MPC880 is able to support.
All Frequencies
Unit
Min
Max
I39
IRQx valid to CLKOUT rising edge (setup time)
6.00
ns
I40
IRQx hold time after CLKOUT
2.00
ns
I41
IRQx pulse width low
3.00
ns
I42
IRQx pulse width high
3.00
ns
I43
IRQx edge-to-edge time
4
× TCLOCKOUT
—
CLKOUT
IRQx
I39
I40
CLKOUT
IRQx
I41
I42
I43
I43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com