Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC880CZP133 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MPC880CZP133
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC880CZP133 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MPC880CZP133 Datasheet HTML 75Page - NXP Semiconductors MPC880CZP133 Datasheet HTML 76Page - NXP Semiconductors MPC880CZP133 Datasheet HTML 77Page - NXP Semiconductors MPC880CZP133 Datasheet HTML 78Page - NXP Semiconductors MPC880CZP133 Datasheet HTML 79Page - NXP Semiconductors MPC880CZP133 Datasheet HTML 80Page - NXP Semiconductors MPC880CZP133 Datasheet HTML 81Page - NXP Semiconductors MPC880CZP133 Datasheet HTML 82Page - NXP Semiconductors MPC880CZP133 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
Freescale Semiconductor
79
Mechanical Data and Ordering Information
ALE_B, DSCK/AT1
D8
Bidirectional
Three-state
IP_B[0:1], IWP[0:1],
VFLS[0:1]
A9, D9
Bidirectional
IP_B2, IOIS16_B, AT2
C8
Bidirectional
Three-state
IP_B3, IWP2, VF2
C9
Bidirectional
IP_B4, LWP0, VF0
B9
Bidirectional
IP_B5, LWP1, VF1
A10
Bidirectional
IP_B6, DSDI, AT0
A8
Bidirectional
Three-state
IP_B7, PTR, AT3
B8
Bidirectional
Three-state
OP0, UtpClk_Split1
B6
Bidirectional
OP1
C6
Output
OP2, MODCK1, STS
D6
Bidirectional
OP3, MODCK2, DSDO
A6
Bidirectional
BADDR30, REG
A7
Output
BADDR[28:29]
C5, B5
Output
AS
D7
Input
PA15, USBRXD
N16
Bidirectional
PA14, USBOE
P17
Bidirectional
(Optional: open-drain)
PA13, RXD2
W11
Bidirectional
PA12, TXD2
P16
Bidirectional
(Optional: open-drain)
PA11, RXD4, MII1-TXD0,
RMII1-TXD0
W9
Bidirectional
(Optional: open-drain)
PA10, MII1-TXER, TIN4,
CLK7
W17
Bidirectional
(Optional: open-drain)
PA9, L1TXDA, RXD3
T15
Bidirectional
(Optional: open-drain)
PA8, L1RXDA, TXD3
W15
Bidirectional
(Optional: open-drain)
PA7, CLK1, L1RCLKA,
BRGO1, TIN1
V14
Bidirectional
PA6, CLK2, TOUT1
U13
Bidirectional
PA5, CLK3, L1TCLKA,
BRGO2, TIN2
W13
Bidirectional
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com