Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P128 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M25P128
Description  128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P128 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M25P128 Datasheet HTML 11Page - STMicroelectronics M25P128 Datasheet HTML 12Page - STMicroelectronics M25P128 Datasheet HTML 13Page - STMicroelectronics M25P128 Datasheet HTML 14Page - STMicroelectronics M25P128 Datasheet HTML 15Page - STMicroelectronics M25P128 Datasheet HTML 16Page - STMicroelectronics M25P128 Datasheet HTML 17Page - STMicroelectronics M25P128 Datasheet HTML 18Page - STMicroelectronics M25P128 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
M25P128
Memory Organization
Rev. 1
15/41
28
700000h
73FFFFh
27
6C0000h
6FFFFFh
26
680000h
6BFFFFh
25
640000h
67FFFFh
24
600000h
63FFFFh
23
5C0000h
5FFFFFh
22
580000h
5BFFFFh
21
540000h
57FFFFh
20
500000h
53FFFFh
19
4C0000h
4FFFFFh
18
480000h
4BFFFFh
17
440000h
47FFFFh
16
400000h
43FFFFh
15
3C0000h
3FFFFFh
14
380000h
3BFFFFh
13
340000h
37FFFFh
12
300000h
33FFFFh
11
2C0000h
2FFFFFh
10
280000h
2BFFFFh
9
240000h
27FFFFh
8
200000h
23FFFFh
7
1C0000h
1FFFFFh
6
180000h
1BFFFFh
5
140000h
17FFFFh
4
100000h
13FFFFh
3
0C0000h
0FFFFFh
2
080000h
0BFFFFh
1
040000h
07FFFFh
0
000000h
03FFFFh
Table 3.
Memory Organization (continued)
Sector
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com