Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5432 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5432
Description  32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5432 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5432 Datasheet HTML 1Page - Maxim Integrated Products MAX5432 Datasheet HTML 2Page - Maxim Integrated Products MAX5432 Datasheet HTML 3Page - Maxim Integrated Products MAX5432 Datasheet HTML 4Page - Maxim Integrated Products MAX5432 Datasheet HTML 5Page - Maxim Integrated Products MAX5432 Datasheet HTML 6Page - Maxim Integrated Products MAX5432 Datasheet HTML 7Page - Maxim Integrated Products MAX5432 Datasheet HTML 8Page - Maxim Integrated Products MAX5432 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
32-Tap, Nonvolatile, I2C, Linear, Digital
Potentiometers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +6.0V
SDA, SCL to GND..................................................-0.3V to +6.0V
A0, H, L, and W to GND .............................-0.3V to (VDD + 0.3V)
Maximum Continuous Current into H, L, and W
MAX5432/MAX5434.....................................................±1.3mA
MAX5433/MAX5435.....................................................±0.6mA
Input/Output Latchup Immunity........................................±50mA
Continuous Power Dissipation (TA = +70°C)
6-Pin Thin SOT23 (derate 9.1mW/°C above +70°C) ....727mW
8-Pin TDFN (derate 18.2mW/°C above +70°C) ......1454.5mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.25V, VH = VDD, VL = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +5V, TA =
+25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE
Resolution
32
Taps
MAX5432/MAX5434
37.5
50
62.5
End-to-End Resistance
RH-L
MAX5433/MAX5435
75
100
125
k
Ω
End-to-End Resistance
Temperature Coefficient
TCR
35
ppm/°C
Ratiometric Resistance
Temperature Coefficient
5
ppm/°C
VDD = 5V
±0.15
±0.5
Variable resistor (Note 2)
VDD = 3V
±0.15
±0.5
VDD = 5V
±0.15
±0.5
Integral Nonlinearity
INL
Voltage-divider,
MAX5432/MAX5433 (Note 3)
VDD = 3V
±0.15
±0.5
LSB
VDD = 5V
±0.15
±0.5
Variable resistor (Note 2)
VDD = 3V
±0.15
±0.5
VDD = 5V
±0.15
±0.5
Differential Nonlinearity
DNL
Voltage-divider,
MAX5432/MAX5433 (Note 3)
VDD = 3V
±0.15
±0.5
LSB
MAX5432, 50k
Ω
-0.5
Full-Scale Error (Note 4)
MAX5433, 100k
Ω
-0.5
LSB
MAX5432, 50k
Ω
+0.5
Zero-Scale Error (Note 5)
MAX5433, 100k
Ω
+0.5
LSB
Wiper Resistance
RW
MAX5432/MAX5433 (Note 6)
610
1200
Ω
DIGITAL INPUTS
Input High Voltage
VIH
(Note 7)
0.7 x
VDD
V
Input Low Voltage
VIL
(Note 7)
0.3 x
VDD
V
Input Leakage Current
ILEAK
±1
µA
Input Capacitance
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com