Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P128-VMF6TP Datasheet(PDF) 40 Page - STMicroelectronics

Part # M25P128-VMF6TP
Description  128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P128-VMF6TP Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M25P128-VMF6TP Datasheet HTML 33Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 34Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 35Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 36Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 37Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 38Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 39Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 40Page - STMicroelectronics M25P128-VMF6TP Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
Revision history
M25P128
40/41
Rev. 1
13
Revision history
Table 18.
Document Revision History
Date
Revision
Changes
02-May-2005
0.1
First issue.
09-Jun-2005
0.2
Table 2: Protected Area Sizes updated.
Memory capacity modified in Section 6.3: Read Identification (RDID).
28-Aug-2005
0.3
Updated tPP values in Table 14: AC Characteristics and tVSL value in
Table 8: Power-Up Timing and VWI Threshold. Modified information
in Section 4.1: Page programming and Section 6.8: Page Program
(PP).
20-Jan-2006
1
Document status promoted from Target specification to Preliminary
data.
Packages are ECOPACK® compliant. Blank option removed under
Plating Technology in Table 17. Read Electronic Signature (RES)
instruction removed. ICC1 parameter updated in Table 13: DC
Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com