Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPSD301 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ZPSD301
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ZPSD301 Datasheet HTML 18Page - STMicroelectronics ZPSD301 Datasheet HTML 19Page - STMicroelectronics ZPSD301 Datasheet HTML 20Page - STMicroelectronics ZPSD301 Datasheet HTML 21Page - STMicroelectronics ZPSD301 Datasheet HTML 22Page - STMicroelectronics ZPSD301 Datasheet HTML 23Page - STMicroelectronics ZPSD301 Datasheet HTML 24Page - STMicroelectronics ZPSD301 Datasheet HTML 25Page - STMicroelectronics ZPSD301 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 85 page
background image
PSD3XX Family
19
PSD3XX Family
READ PIN
READ DATA
PORT B PIN
CMOS/OD
(1)
MCU
I/O
OUT
WRITE DATA
CK
D
R
DFF
ENABLE
MUX
Dn
CSn
CONTROL
DIR
FF
D
CK
R
WRITE DIR
RESET
READ DIR
I
N
T
E
R
N
A
L
I
N
T
E
R
N
A
L
C
S
O
U
T
D
A
T
A
B
U
S
B
U
S
C
S
0
•
•
•
7
D
8
•
•
•
D
1
5
NOTE: 1. CMOS/OD determines whether the output is open drain or CMOS.
Figure 6. Port B Pin Structure
10.3.2 Port B (PB0-PB7) in 16-bit Multiplexed Address/Data Mode
In this mode, Port B becomes the low-order data bus byte to the MCU chip. When reading
an internal high-order location, data is presented on Port B pins to the MCU. When writing
to an internal high-order location, data present on Port B pins from the MCU is written to the
desired location.
10.
I/O Port
Functions
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com