Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1A12BDRPR Datasheet(PDF) 2 Page - Schneider Electric

Part # SSL1A12BDRPR
Description  Harmony, Solid state relay pre assembled, 2 A, random switching, spring sockets, input 16...30 V DC, output 24...250 V AC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSL1A12BDRPR Datasheet(HTML) 2 Page - Schneider Electric

  SSL1A12BDRPR Datasheet HTML 1Page - Schneider Electric SSL1A12BDRPR Datasheet HTML 2Page - Schneider Electric SSL1A12BDRPR Datasheet HTML 3Page - Schneider Electric SSL1A12BDRPR Datasheet HTML 4Page - Schneider Electric SSL1A12BDRPR Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
260 A².s for 8.3 ms at 60 Hz
Maximum leakage current
4 mA off-state
DV/Dt
500 V/µs off-state at maximum voltage
Response time
5 ms (turn-on)
10 ms (turn-off)
Overvoltage category
III
Width
0.24 in (6.2 mm)
Height
4.12 in (104.6 mm)
Depth
3.13 in (79.5 mm)
Net weight
0.06 lb(US) (0.0285 kg)
Environment
Flame retardance
V0 conforming to UL 94
Dielectric strength
2500 V for input/output
Pollution degree
2
Standards
IEC 60950-1
IEC 61000
IEC 62314
IEC 61984
EN 61984
Product certifications
UL
CSA
CE
UL 508
CSA22.2 No. 14-10
GOST
Marking
CURus
CSA
CE
EAC
IP degree of protection
IP20
Ambient air temperature for operation
-4…158 °F (-20…70 °C)
Ambient air temperature for storage
-4…185 °F (-20…85 °C)
Ordering and shipping details
Category
21127 - ZELIO ICE CUBE RELAYS
Discount Schedule
CP2
GTIN
03606489563080
Nbr. of units in pkg.
30
Package weight(Lbs)
30 lb(US) (13.61 kg)
Returnability
Yes
Packing Units
Package 1 Height
3.95 in (100.400 mm)
Package 1 width
0.25 in (6.250 mm)
Package 1 Length
3.11 in (79.000 mm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com