Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC401-1012-PC Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # ABC401-1012-PC
Description  Universal input voltage range (90 ??264 VAC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC401-1012-PC Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button ABC401-1012-PC Datasheet HTML 2Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 3Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 4Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 5Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 6Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 7Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 8Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 9Page - Bel Fuse Inc. ABC401-1012-PC Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ABC401 Series
tech.support@psbel.com
Above waveforms are expected with AC Input ON/OFF:
Standby on - Main outputs on
50 ms
≤ T1 ≤ 250 ms
Main output Rise Time
5 ms
≤ T2 ≤ 85 ms
5 VSB rise time
4 ms
≤ T10 ≤ 20 ms
Main outputs On – P_OK delay
40 ms
≤ T3 ≤ 100 ms
Power down warning
1
T4
≥ 1 ms
Main Output off – Standby off
2
T5
≥ 1.2 s
Hold-up time (AC off – P_OK low)
T6
≥ 15 ms (115/ 230 VAC)
AC_ON - Standby turn on time
T7
≤ 500 ms
Above waveforms are expected with PS_ON Signal ON/OFF state change:
Main Output Rise Time
5 ms
≤ T2 ≤ 85 ms
Main Outputs on – P_OK delay
50 ms
≤ T3 ≤ 100 ms
Power down warning
1
1 ms
≤ T4 ≤ 5 ms
PS_ON - Main Output (off) Timing
T8
≤ 1 ms
PS_ON - Main Output (on) Timin
T9
≤ 200 ms
1 T4 parameter measurement setup will assume at least 10% of the maximum load on each output.
2 T5 parameter measurement setup will assume at least 50% of the maximum load on main output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com