Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC401-1024 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # ABC401-1024
Description  Universal input voltage range (90 ??264 VAC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC401-1024 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button ABC401-1024 Datasheet HTML 3Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 4Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 5Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 6Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 7Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 8Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 9Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 10Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ABC401 Series
7
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.01060_B
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Input Under Voltage Lockout
Auto recovery, Hiccup Mode
60
75
-
VAC
Input Fuse
2x Time Lag 6.3 A, 250 V on L1 and L2
-
-
6.3
A
Over Current
At nominal input voltages.
V1: Hiccup mode, auto-recovering.
V2: PTC limiting, auto-recovering.
5 VSB: Hiccup mode, auto-recovering.
110
-
150
%I1MAX
Short Circuit
At nominal input voltages.
V1: Hiccup mode, auto-recovering.
V2: PTC limiting, auto-recovering
5 VSB: Hiccup mode, auto-recovering.
-
-
-
Over Voltage
12 V
24 V
28 V
36 V
48 V
5 VSB
Unit shut down and latch off
110
-
136
%VNOM
Over Temperature (on primary stage)
Shut down, latch off.
-
-
-
Over Temperature (on secondary side)
Hiccup mode, auto-recovering.
-
-
-
Isolation Primary-to- Secondary
Reinforced
4000
-
-
VAC
Isolation Input-to-PE
Basic
1500
VAC
Isolation V1-to-V2
100
-
-
VDC
Isolation Output-to-PE
Basic
1500
-
-
VAC
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Operating Temperature Range
No de-rating up to 50 °C
PS starts up at -30 °C
-20
-
50
°C
De-rated Operating
Temperature Range
Natural convection cooling: Linearly de-rate from 250 W at 50 °C, to
100 W at 70 °C
Forced air cooling: Linearly de-rate from 400 W at 50 °C, to 280 W at
70 °C.
See graphs below.
-
-
70
°C
Storage Temperature Range
-40
-
85
°C
Humidity
RH, Non-condensing Operating
Non-operating
-
-
90
95
%
%
Operating Altitude
-
-
4000
m
Shock
EN 60068-2-27
Operating:
Half sine, 30 g, 18 ms, 3 axes, 6x each (3 positive and 3 negative).
Non-Operating:
Half sine, 50 g, 11 ms, 3 axes, 6x each (3 positive and 3 negative).
Vibration
EN 60068-2-64
Operating:
Sine,10 – 500 Hz, 1 g, 3 axes, 1 oct/min., 60 min.
Random, 5 – 500 Hz, 0.02 g
2/Hz, 1 g
RMS, 3 axes, 30 min.
Non-Operating:
5 – 500 Hz, 2.46 gRMS (0.0122 g
2/Hz), 3 axes, 30 min.
MTBF
Full Load, 120 VAC, 40 °C ambient
80% Duty cycle, Telcordia SR-332 Issue 2
400000
-
-
Hours
Useful Life
Low line range, 200 W, 40 °C ambient, natural convention.
-
4
-
Years
Thermal Considerations
The output power de-rating curves are herein provided. These curves can be used as a guideline to assess the
limit in performance of a power supply once installed in a system providing controlled air flow at a certain input
voltage and ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com