Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4DH-1-DAC32B-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7K4DH-1-DAC32B-R
Description  Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4DH-1-DAC32B-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7K4DH-1-DAC32B-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4DH-1-DAC32B-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4DH-1-DAC32B-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4DH-1-DAC32B-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4DH-1-DAC32B-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4DH-1-DAC32B-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4DH-1-DAC32B-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4DH-1-DAC32B-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: R7K4DH-1-DAC32B
R7K4DH-1-DAC32B SPECIFICATIONS
ES-7796-F Rev.1 Page 2/8
http://www.m-system.co.jp/
(Refer to the instruction manual for details.)
INPUT SPECIFICATIONS
Common: Positive common (NPN) per 16 points
Maximum inputs applicable at once: No limit (at 24V DC)
Sensor excitation: 24 V DC ±10 %; ripple 5 %p-p max.,
≤ 2 A (including discrete input load charge); rated current 8
A
ON voltage / current: ≥ 15 V DC (X0 through XF to +24V) /
≥ 3.5 mA
OFF voltage / current: ≤ 5 V DC (X0 through XF to +24V) / ≤
1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 0.5 msec.
OUTPUT SPECIFICATIONS
Common: Positive common (PNP) per 16 points
Maximum outputs applicable at once: No limit (at 24 V DC)
Sensor Excitation: 24 V DC ±10 %, ripple 5 %p-p max.,
≤ 2 A (including discrete output load charge); rated current
8 A
Rated output current: 0.1 A per point, 1.6 A per common
Residual voltage: ≤ 1.2 V
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.2 msec.
OFF delay: ≤ 0.5 msec.
Overload current protection function: Limits the current
value when overcurrent is detected
Overheat protection function: Turns OFF the outputs when
overheat is detected
(When driving an inductive load, connect a diode in parallel
with the load.)
INSTALLATION
Current consumption
•DC: Approx. 95 mA (rated current 8 A)
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail (35 mm rail)
Weight: Approx. 185 g (0.41 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input or output
or sencor excitation to HLS to power to FE)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com