Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4DH-1-DAC32D-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7K4DH-1-DAC32D-R
Description  Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4DH-1-DAC32D-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7K4DH-1-DAC32D-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4DH-1-DAC32D-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4DH-1-DAC32D-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4DH-1-DAC32D-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4DH-1-DAC32D-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4DH-1-DAC32D-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4DH-1-DAC32D-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4DH-1-DAC32D-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MODEL: R7K4DH-1-DAC32D
R7K4DH-1-DAC32D SPECIFICATIONS
ES-7796-H Rev.1 Page 5/8
http://www.m-system.co.jp/
■ POWER SUPPLY, SENSOR EXCITATION
Cable connector: TFMC1,5 / 5–STF–3,5
(Phoenix Contact) (included in the package)
Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm
Recommended solderless terminal
• AI0,25−10YE
0.25 mm2 (Phoenix Contact)
• AI0,34−10TQ
0.34 mm2 (Phoenix Contact)
• AI0,5−10WH
0.5 mm2 (Phoenix Contact)
• AI0,75−10GY
0.75 mm2 (Phoenix Contact)
• A1−10
1.0 mm2 (Phoenix Contact)
• A1,5−10
1.5 mm2 (Phoenix Contact)
1
2
3
4
5
1. PWR+
2. PWR–
3. FE
4. SNSR.EXC+
5. SNSR.EXC–
Power Supply
Power Supply
Functional earth
Sensor excitation
Sensor excitation
Note: The numbers marked on the connector have no relationship to the pin number of the unit.
Wire according to the instruction manual of the unit.
1. NC
2. NC
3. TXD+
4. TXD–
5. RXD+
6. RXD–
7. NC
8. SLD
Unused
Unused
Network (slave, transmission +)
Network (slave, transmission –)
Network (master, transmission +)
Network (master, transmission –)
Unused
Shield
■ HLS
Recommended cable connector: TM21P–88P (Hirose Electric)
(not included in the package)
• Full-duplex communication
• Half-duplex communication
12345678
12345678
1. NC
2. NC
3. TR+
4. TR–
5. NC
6. NC
7. NC
8. SLD
Unused
Unused
Network (+)
Network (–)
Unused
Unused
Unused
Shield



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com