Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4DML-B-DA32A-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7K4DML-B-DA32A-R
Description  Remote I/O R7K4D Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4DML-B-DA32A-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7K4DML-B-DA32A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4DML-B-DA32A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4DML-B-DA32A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4DML-B-DA32A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4DML-B-DA32A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4DML-B-DA32A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4DML-B-DA32A-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4DML-B-DA32A-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: R7K4DML-B-DA32A
R7K4DML-B-DA32A SPECIFICATIONS
ES-7776-E Rev.0 Page 2/8
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
Common: Positive common (NPN) per 32 points
Maximum inputs applicable at once: No limit (at 24V DC)
Sensor excitation: 24 V DC ±10 %; ripple 5 %p-p max.,
≤ 2 A (including discrete input load charge); rated current
8 A
ON voltage / current: ≥ 18 V DC (X0 through X1F to +24V) /
≥ 2.0 mA
OFF voltage / current: ≤ 9 V DC (X0 through X1F to +24V) /
≤ 1.0 mA
Input current: ≤ 3.0 mA per point at 24 V DC
Input resistance: Approx. 8.6 kΩ
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 1.0 msec.
INSTALLATION
Current consumption: Approx. 60 mA (rated current 2 A)
Operating temperature: 0 to 55°C (32 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail (35 mm rail)
Weight: 200 g (0.44 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or sensor excitaion to power)
500 V AC @ 1 minute (MECHATROLINK or FE to input or
sensor excitation or power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com