Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4DML-B-DAC32B-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7K4DML-B-DAC32B-R
Description  Remote I/O R7K4D Series MECHATROLINK I/O MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4DML-B-DAC32B-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7K4DML-B-DAC32B-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4DML-B-DAC32B-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4DML-B-DAC32B-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4DML-B-DAC32B-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4DML-B-DAC32B-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4DML-B-DAC32B-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4DML-B-DAC32B-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4DML-B-DAC32B-R Datasheet HTML 8Page - M-System Co.,Ltd. R7K4DML-B-DAC32B-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MODEL: R7K4DML-B-DAC32B
R7K4DML-B-DAC32B SPECIFICATIONS
ES-7776-B Rev.0 Page 5/9
http://www.m-system.co.jp/
1
2
3
4
5
■ POWER SUPPLY, SENSOR EXCITATION
Cable connector: FMC1,5 / 5-STF-3,5
(Phoenix Contact) (included in the package)
Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm
Recommended solderless terminal
• AI0,25-10YE
0.25 mm2 (Phoenix Contact)
• AI0,34-10TQ
0.34 mm2 (Phoenix Contact)
• AI0,5-10WH
0.5 mm2 (Phoenix Contact)
• AI0,75-10GY
0.75 mm2 (Phoenix Contact)
• A1-10
1.0 mm2 (Phoenix Contact)
• A1,5-10
1.5 mm2 (Phoenix Contact)
1. PWR+
2. PWR–
3. FE
4. SNSR.EXC+
5. SNSR.EXC–
Power Supply (24V DC)
Power Supply (0V)
Functional earth
Sensor excitation (24V DC)
Sensor excitation (0V)
■ MECHATROLINK CONNECTION
SRD
+
SRD
–
SLD
Master
termi-
nator
termi-
nator
*Terminator
Be sure to connect the terminating resistors to the unit at both ends of transmission line.
Use the terminating resistor dedicated for MECHATROLINK: Model JEPMC-W6022, Yaskawa Controls Co., Ltd.
Certain types of Master units may have incorporated terminating resistors. Consult the instruction manual of the Master unit.
SRD
+
SRD
–
SLD
SRD
+
SRD
–
SLD
Slave
SRD
+
SRD
–
SLD
SRD
+
SRD
–
SLD
Slave
SRD
+
SRD
–
SLD
MECHATROLINK
Cable
MECHATROLINK
Cable
*
*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com