Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4DML-B-DAC32C-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7K4DML-B-DAC32C-R
Description  Remote I/O R7K4D Series MECHATROLINK I/O MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4DML-B-DAC32C-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7K4DML-B-DAC32C-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4DML-B-DAC32C-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4DML-B-DAC32C-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4DML-B-DAC32C-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4DML-B-DAC32C-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4DML-B-DAC32C-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4DML-B-DAC32C-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4DML-B-DAC32C-R Datasheet HTML 8Page - M-System Co.,Ltd. R7K4DML-B-DAC32C-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MODEL: R7K4DML-B-DAC32C
R7K4DML-B-DAC32C SPECIFICATIONS
ES-7776-C Rev.0 Page 4/9
http://www.m-system.co.jp/
TERMINAL ASSIGNMENTS
■I/O TERMINAL ASSIGNMENT
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
X0
X1
X2
X3
X4
X5
X6
X7
Y8
Y9
YA
YB
YC
YD
YE
YF
X8
X9
XA
XB
XC
XD
XE
XF
1
4
1
4
• e-CON connector
Recommended cable connector: 37104-( )-000FL (3M Company)
(The cable connector is not included in the package. Specify wire size instead of ( ); refer to the specifications of the product.)
No.
ID
FUNCTION
No.
ID
FUNCTION
No.
ID
FUNCTION
No.
ID
FUNCTION
X0
1
+24V
24V DC
X8
1
+24V
24V DC
Y0
1
+24V
24V DC
Y8
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
NC
Unused
3
NC
Unused
4
X0
Input 0
4
X8
Input 8
4
Y0
Output 0
4
Y8
Output 8
X1
1
+24V
24V DC
X9
1
+24V
24V DC
Y1
1
+24V
24V DC
Y9
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
NC
Unused
3
NC
Unused
4
X1
Input 1
4
X9
Input 9
4
Y1
Output 1
4
Y9
Output 9
X2
1
+24V
24V DC
XA
1
+24V
24V DC
Y2
1
+24V
24V DC
YA
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
NC
Unused
3
NC
Unused
4
X2
Input 2
4
XA
Input 10
4
Y2
Output 2
4
YA
Output 10
X3
1
+24V
24V DC
XB
1
+24V
24V DC
Y3
1
+24V
24V DC
YB
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
NC
Unused
3
NC
Unused
4
X3
Input 3
4
XB
Input 11
4
Y3
Output 3
4
YB
Output 11
X4
1
+24V
24V DC
XC
1
+24V
24V DC
Y4
1
+24V
24V DC
YC
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
NC
Unused
3
NC
Unused
4
X4
Input 4
4
XC
Input 12
4
Y4
Output 4
4
YC
Output 12
X5
1
+24V
24V DC
XD
1
+24V
24V DC
Y5
1
+24V
24V DC
YD
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
NC
Unused
3
NC
Unused
4
X5
Input 5
4
XD
Input 13
4
Y5
Output 5
4
YD
Output 13
X6
1
+24V
24V DC
XE
1
+24V
24V DC
Y6
1
+24V
24V DC
YE
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
NC
Unused
3
NC
Unused
4
X6
Input 6
4
XE
Input 14
4
Y6
Output 6
4
YE
Output 14
X7
1
+24V
24V DC
XF
1
+24V
24V DC
Y7
1
+24V
24V DC
YF
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
NC
Unused
3
NC
Unused
4
X7
Input 7
4
XF
Input 15
4
Y7
Output 7
4
YF
Output 15



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com