Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4FE-6-DC16-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7K4FE-6-DC16-R
Description  Remote I/O R7K4F Series ETHERNET I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4FE-6-DC16-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7K4FE-6-DC16-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4FE-6-DC16-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4FE-6-DC16-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4FE-6-DC16-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4FE-6-DC16-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4FE-6-DC16-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4FE-6-DC16-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R7K4FE-6-DC16
R7K4FE-6-DC16 SPECIFICATIONS
ES-7778-A Rev.2 Page 3/7
https://www.m-system.co.jp/
EXTERNAL VIEW
4
5
6
7
1
2
3
28 29 30 31
20 21 22
19
33 34 35 36
25 26 27
24
32
23
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
1
2
3
4
ON
Y 0
1
2
3
4
5
6
7
Y 8
9 10 11 12 13 14 15
PWR
COL
LINK
LINK
100
RUN
Status Indicator LED
Operating Mode Setting DIP SW (SW1)
Discrete Output Status Indicator LED
Power Supply Terminals
Output Terminals
RJ-45 Connector
PC Configurator Jack
Unused
TERMINAL ASSIGNMENTS
■OUTPUT TERMINAL ASSIGNMENT
14
5
6
Y3
COM3 COM4
15
Y4
16
17
18
7
8
9
Y5
Y6
Y7
COM5 COM6
10
1
2
+24V
0V
COM0
11
Y0
12
13
3
4
Y1
Y2
COM1 COM2
COM7
32
23
24
Y11
COM11 COM12
33
Y12
34
35
36
25
26
27
Y13
Y14
Y15
COM13 COM14
28
19
20
+24V
0V
COM8
29
Y8
30
31
21
22
Y9
Y10
COM9 COM10
COM15
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
0V
0 V
10
+24V
24 V DC
2
COM0
Common 0
11
Y0
Output 0
3
COM1
Common 1
12
Y1
Output 1
4
COM2
Common 2
13
Y2
Output 2
5
COM3
Common 3
14
Y3
Output 3
6
COM4
Common 4
15
Y4
Output 4
7
COM5
Common 5
16
Y5
Output 5
8
COM6
Common 6
17
Y6
Output 6
9
COM7
Common 7
18
Y7
Output 7
NO.
ID
FUNCTION
NO.
ID
FUNCTION
19
0V
0 V
28
+24V
24 V DC
20
COM8
Common 8
29
Y8
Output 8
21
COM9
Common 9
30
Y9
Output 9
22
COM10 Common 10
31
Y10
Output 10
23
COM11 Common 11
32
Y11
Output 11
24
COM12 Common 12
33
Y12
Output 12
25
COM13 Common 13
34
Y13
Output 13
26
COM14 Common 14
35
Y14
Output 14
27
COM15 Common 15
36
Y15
Output 15
4
NC
5
6
7
1
2
3
NC
24V 0V
NC
NC
FE
1. NC
2. NC
3. FE
4. NC
5. NC
6. +24V
7. 0V
-
-
Functional earth
-
-
Power supply (24V DC)
Power supply (0V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com