Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4FML3-6-DAC32A-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7K4FML3-6-DAC32A-R
Description  Remote I/O R7K4F Series MECHATROLINK I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4FML3-6-DAC32A-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7K4FML3-6-DAC32A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4FML3-6-DAC32A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4FML3-6-DAC32A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4FML3-6-DAC32A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4FML3-6-DAC32A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4FML3-6-DAC32A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4FML3-6-DAC32A-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: R7K4FML3-6-DAC32A
R7K4FML3-6-DAC32A SPECIFICATIONS
ES-7773-D Rev.2 Page 4/7
http://www.m-system.co.jp/
MECHATROLINK RELATED COMMANDS
Commands available with this unit are the following.
PROFILE
COMMAND
CODE
FUNCTION
Common command
NOP
00H
No operation command
ID_RD
03H
Read ID command
CONFIG
04H
Setup device command
ALM_RD
05H
Read alarm or warning command
ALM_CLR
06H
Clear alarm or warning command
CONNECT
0EH
Establish connection command
DISCONNECT
0FH
Release connection command
Standard I/O pro le
DATA_RWA
20H
Transmit I/O data
RESPONSE TIME
Response time of discrete input module is the time till when the communication ASIC of the module transmits input data from
when input signal is applied to the module.
Response time of discrete output module is the time till when the module output the signal from when output data is received
by the communication ASIC of the module.
TCOM: MECHATROLINK-III transmission cycle set at master
(depends on system and configuration)
TINP: Response of input module ≤ Delay of input circuit (Ta, ON delay time or OFF delay time) + Acquire cycle (Ts) + input
internal processing delay time (Tc, two transmission cycle)
TOUT: Response of output module ≤ Output internal processing delay time (Td, one minimum transmission cycle the unit can
handle) + Conversion time (Te) + Delay of output circuit (Tf, ON delay time or OFF delay time)
E.g. 1: Acquire cycle: 1 msec., MECHATROLINK-III transmission cycle: 0.125 msec., discrete input ON
Response of input module (TINP): Delay of input circuit (0.2 msec.) + Acquire cycle (1 msec.) + input internal processing delay
time (0.125 msec. x 2) = 1.45 [msec.]
E.g. 2: MECHATROLINK-III transmission cycle: 0.5 msec., discrete output OFF
Response of output module (T0UT): Output internal processing delay time (0.125 msec.) + Delay of output circuit (0.5 msec.)
= 0.625 [msec.]
INPUT MODULE
OUTPUT MODULE
MECHATROLINK-III
TRANSMISSION CYCLE
TRANSMISSION FROM
SLAVE COMMUNICATION ASIC
RECEIVED BY
SLAVE COMMUNICATION ASIC
TINP
TRANSMISSION TO
A HOST (MASTER)
Ts
Tc
Ta
TOUT
Tf
Td
TCOM
TRANSMISSION FROM
A HOST (MASTER)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com