Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4FML3-6-DC32A-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7K4FML3-6-DC32A-R
Description  Remote I/O R7K4F Series MECHATROLINK I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4FML3-6-DC32A-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7K4FML3-6-DC32A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4FML3-6-DC32A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4FML3-6-DC32A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4FML3-6-DC32A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4FML3-6-DC32A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4FML3-6-DC32A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4FML3-6-DC32A-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: R7K4FML3-6-DC32A
R7K4FML3-6-DC32A SPECIFICATIONS
ES-7773-B Rev.1 Page 1/7
http://www.m-system.co.jp/
Remote I/O R7K4F Series
MECHATROLINK I/O MODULE
(NPN transistor output, 32 points, screw terminal block,
MECHATROLINK- III use, external excitation 24V)
Functions & Features
• 32 points NPN transistor output module for
MECHATROLINK- III
mm (inch)
210
(8.27)
53.5
(2.11)
47(1.85)
MODELR7K4FML3-6-DC32A-R[1]
ORDERING INFORMATION
• Code number: R7K4FML3-6-DC32A-R[1]
Specify a code from below for [1].
(e.g. R7K4FML3-6-DC32A-R/UL/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
TERMINAL BLOCK
6: Screw terminal block for power supply
Connector for MECHATROLINK- III
Screw terminal block for I/O
I/O TYPE
DC32A: NPN transistor output, 32 points
(24 V external output power)
POWER INPUT
DC power
R: 24 V DC
(Operational voltage range: ±10 %; ripple 10 %p-p max.)
[1] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7773-DC32)
GENERAL SPECIFICATIONS
Connection
MECHATROLINK-III: MECHATROLINK-III connector
Power input, output: M3 separable screw terminal (torque
0.5 N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Isolation: Output to MECHATROLINK or FE to power
Output at the loss of communication:
Output hold(*), Output clear
Selectable with the front DIP SW
(*) factory default setting
Status indicator LEDs: PWR, ERR, CON, LNK1, LNK2 (5 LEDs)
indicate the module’s operating conditions. (Refer to the
insruction manual)
Discrete output status indicator LED: Green LED turns on
with output ON
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
MECHATROLINK-III COMMUNICATION
Baud rate: 100 Mbps
Transmission distance: 6300 m max.
Distance between stations: 100 m max.
Transmission media: MECHATROLINK cable (Model JEPMC-
W6013-x-E, Yaskawa Controls Co., Ltd.)
Connector: TYCO AMP Industrial mini I/O connector
Max. number of slaves: 62
(The maximum number of slaves might change depending


Similar Part No. - R7K4FML3-6-DC32A-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7K4FML3-6-DC32A1 MSYSTEM-R7K4FML3-6-DC32A1 Datasheet
252Kb / 7P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4FML3-6-DC32A1-R MSYSTEM-R7K4FML3-6-DC32A1-R Datasheet
252Kb / 7P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4FML3-6-DC32A1-R/Q MSYSTEM-R7K4FML3-6-DC32A1-R/Q Datasheet
252Kb / 7P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
More results

Similar Description - R7K4FML3-6-DC32A-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7F4HML3-D-DAC32A MSYSTEM-R7F4HML3-D-DAC32A Datasheet
273Kb / 8P
Remote I/O R7F4H Series MECHATROLINK I/O MODULE
R7K4FML3-6-DA32 MSYSTEM-R7K4FML3-6-DA32 Datasheet
248Kb / 7P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4FML3-6-DA32-1 MSYSTEM-R7K4FML3-6-DA32-1 Datasheet
248Kb / 7P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4FML3-6-DAC32A MSYSTEM-R7K4FML3-6-DAC32A Datasheet
258Kb / 7P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4FML3-6-DAC32B MSYSTEM-R7K4FML3-6-DAC32B Datasheet
256Kb / 7P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4FML3-6-DC32A1 MSYSTEM-R7K4FML3-6-DC32A1 Datasheet
252Kb / 7P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4FML-6-DA32 MSYSTEM-R7K4FML-6-DA32 Datasheet
269Kb / 8P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4FML-6-DC32A MSYSTEM-R7K4FML-6-DC32A Datasheet
271Kb / 8P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4FML-6-DC32B MSYSTEM-R7K4FML-6-DC32B Datasheet
271Kb / 8P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4FML-6-DCA32A MSYSTEM-R7K4FML-6-DCA32A Datasheet
276Kb / 8P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com