Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4FML3-6-DC32A1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7K4FML3-6-DC32A1-R
Description  Remote I/O R7K4F Series MECHATROLINK I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4FML3-6-DC32A1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7K4FML3-6-DC32A1-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4FML3-6-DC32A1-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4FML3-6-DC32A1-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4FML3-6-DC32A1-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4FML3-6-DC32A1-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4FML3-6-DC32A1-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4FML3-6-DC32A1-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R7K4FML3-6-DC32A1
R7K4FML3-6-DC32A1 SPECIFICATIONS
ES-7773-G Rev.1 Page 3/7
http://www.m-system.co.jp/
EXTERNAL VIEW
4
5
6
7
1
2
3
28 29 30 31
20 21
22
19
33 34 35 36
25 26 27
24
32
23
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
1
SA1
×10
SA2
×1
2
3 4
ON
PWR
LNK2
CON
LNK1
ERR
LNK1
LNK2
MECHATROLINK
Connector
Station Address Setting
Rotary SW
Status Indicator LED
Operating Mode Setting DIP SW (SW1)
Discrete Output Status Indicator LED
Power Supply Terminals
Output Terminals
TERMINAL ASSIGNMENTS
■OUTPUT TERMINAL ASSIGNMENT
14
5
6
Y7
Y6
Y8
15
Y9
16
17
18
7
8
9
Y11
Y13
Y15
Y10
Y12
10
1
2
V+
V-
Y0
11
Y1
12
13
3
4
Y3
Y5
Y2
Y4
Y14
32
23
24
Y23
Y22
Y24
33
Y25
34
35
36
25
26
27
Y27
Y29
Y31
Y26
Y28
28
19
20
V+
V–
Y16
29
Y17
30
31
21
22
Y19
Y21
Y18
Y20
Y30
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
V–
Out. Common
10
V+
External excitation
2
Y0
Output 0
11
Y1
Output 1
3
Y2
Output 2
12
Y3
Output 3
4
Y4
Output 4
13
Y5
Output 5
5
Y6
Output 6
14
Y7
Output 7
6
Y8
Output 8
15
Y9
Output 9
7
Y10 Output 10
16
Y11
Output 11
8
Y12 Output 12
17
Y13
Output 13
9
Y14 Output 14
18
Y15
Output 15
NO.
ID
FUNCTION
NO.
ID
FUNCTION
19
V–
Out. Common
28
V+
External excitation
20
Y16 Output 16
29
Y17
Output 17
21
Y18 Output 18
30
Y19
Output 19
22
Y20 Output 20
31
Y21
Output 21
23
Y22 Output 22
32
Y23
Output 23
24
Y24 Output 24
33
Y25
Output 25
25
Y26 Output 26
34
Y27
Output 27
26
Y28 Output 28
35
Y29
Output 29
27
Y30 Output 30
36
Y31
Output 31
■POWER SUPPLY TERMINAL ASSIGNMENT
4
NC
5
6
7
1
2
3
NC
+24V 0V
NC
NC
FE
1. NC
2. NC
3. FE
4. NC
5. NC
6. +24V
7. 0V
-
-
Functional earth
-
-
Power supply (24V DC)
Power supply (0V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com