Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4FML-6-DA32-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7K4FML-6-DA32-R
Description  Remote I/O R7K4F Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4FML-6-DA32-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7K4FML-6-DA32-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4FML-6-DA32-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4FML-6-DA32-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4FML-6-DA32-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4FML-6-DA32-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4FML-6-DA32-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4FML-6-DA32-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4FML-6-DA32-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MODEL: R7K4FML-6-DA32
R7K4FML-6-DA32 SPECIFICATIONS
ES-7771-A Rev.0 Page 5/8
http://www.m-system.co.jp/
I/O DATA DESCRIPTIONS
■ DISCRETE INPUT
In 0 to 31:
0: OFF, 1: ON
• 17-BYTE MODE
32 points input, In Data
Byte
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
1
In7
In6
In5
In4
In3
In2
In1
In0
2
In15
In14
In13
In12
In11
In10
In9
In8
3
In23
In22
In21
In20
In19
In18
In17
In16
4
In31
In30
In29
In28
In27
In26
In25
In24
5
0
0
0
0
0
0
0
0
•
•
•
0
0
0
0
0
0
0
0
12
0
0
0
0
0
0
0
0
13
0
0
0
0
0
0
0
0
14
0
0
0
0
0
0
0
0
15
0
0
0
0
0
0
0
0
16
0
0
0
0
0
0
0
0
• 32-BYTE MODE
32 points input, In Data
Byte
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
1
In7
In6
In5
In4
In3
In2
In1
In0
2
In15
In14
In13
In12
In11
In10
In9
In8
3
In23
In22
In21
In20
In19
In18
In17
In16
4
In31
In30
In29
In28
In27
In26
In25
In24
5
0
0
0
0
0
0
0
0
•
•
•
0
0
0
0
0
0
0
0
28
0
0
0
0
0
0
0
0
29
0
0
0
0
0
0
0
0
30
0
0
0
0
0
0
0
0
31
0
0
0
0
0
0
0
0
32
0
0
0
0
0
0
0
0
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
DIN RAIL
35mm wide
[4 (.16)]
210 (8.27)
220 (8.66)
235 (9.25)
47 (1.85)
45 (1.77)
6
36−M3 SCREW
TERMINALS FOR INPUT
4
5
6
7
1
2
3
6
7−M3 SCREW
TERMINALS FOR POWER
28
29
30
31
20
21
22
19
33
34
35
36
25
26
27
24
32
23
10
11
12
13
2
3
4
1
15
16
17
18
7
8
9
6
14
5
2 - 4.3 dia.
4 deep
(2 - 1.17 dia.
.16 deep)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com