Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4FML-6-DC32A-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7K4FML-6-DC32A-R
Description  Remote I/O R7K4F Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4FML-6-DC32A-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7K4FML-6-DC32A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4FML-6-DC32A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4FML-6-DC32A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4FML-6-DC32A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4FML-6-DC32A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4FML-6-DC32A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4FML-6-DC32A-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4FML-6-DC32A-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MODEL: R7K4FML-6-DC32A
R7K4FML-6-DC32A SPECIFICATIONS
ES-7771-C Rev.0 Page 5/8
http://www.m-system.co.jp/
I/O DATA DESCRIPTIONS
■ DISCRETE OUTPUT
Out 0 to 31:
0: OFF, 1: ON
• 17-BYTE MODE
32 points output, Out Data
Byte
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
1
0
0
0
0
0
0
0
0
2
0
0
0
0
0
0
0
0
3
0
0
0
0
0
0
0
0
4
0
0
0
0
0
0
0
0
5
0
0
0
0
0
0
0
0
•
•
•
0
0
0
0
0
0
0
0
12
0
0
0
0
0
0
0
0
13
Out7
Out6
Out5
Out4
Out3
Out2
Out1
Out0
14
Out15 Out14 Out13 Out12 Out11 Out10
Out9
Out8
15
Out23 Out22 Out21 Out20 Out19 Out18 Out17 Out16
16
Out31 Out30 Out29 Out28 Out27 Out26 Out25 Out24
• 32-BYTE MODE
32 points output, Out Data
Byte
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
1
0
0
0
0
0
0
0
0
2
0
0
0
0
0
0
0
0
3
0
0
0
0
0
0
0
0
4
0
0
0
0
0
0
0
0
5
0
0
0
0
0
0
0
0
•
•
•
0
0
0
0
0
0
0
0
28
0
0
0
0
0
0
0
0
29
Out7
Out6
Out5
Out4
Out3
Out2
Out1
Out0
30
Out15 Out14 Out13 Out12 Out11 Out10
Out9
Out8
31
Out23 Out22 Out21 Out20 Out19 Out18 Out17 Out16
32
Out31 Out30 Out29 Out28 Out27 Out26 Out25 Out24
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
DIN RAIL
35mm wide
[4 (.16)]
210 (8.27)
220 (8.66)
235 (9.25)
47 (1.85)
45 (1.77)
6
36−M3 SCREW
TERMINALS FOR OUTPUT
4
5
6
7
1
2
3
6
7−M3 SCREW
TERMINALS FOR POWER
28
29
30
31
20
21
22
19
33
34
35
36
25
26
27
24
32
23
10
11
12
13
2
3
4
1
15
16
17
18
7
8
9
6
14
5
2 - 4.3 dia.
4 deep
(2 - 1.17 dia.
.16 deep)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com