Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4FML-6-DCA32A-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7K4FML-6-DCA32A-R
Description  Remote I/O R7K4F Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4FML-6-DCA32A-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7K4FML-6-DCA32A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4FML-6-DCA32A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4FML-6-DCA32A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4FML-6-DCA32A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4FML-6-DCA32A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4FML-6-DCA32A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4FML-6-DCA32A-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4FML-6-DCA32A-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MODEL: R7K4FML-6-DCA32A
R7K4FML-6-DCA32A SPECIFICATIONS
ES-7771-B Rev.0 Page 3/8
http://www.m-system.co.jp/
EXTERNAL VIEW
4
5
6
7
1
2
3
28 29 30 31
20 21
22
19
33 34 35 36
25 26 27
24
32
23
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
1
×10
×1
2
3 4
ON
STATION ADD.
PWR
RD
ERR
SD
Y 0 1 2 3 4 5 6 7
Y 8 9 10 11 12 13 14 15
X 0 1 2 3 4 5 6 7
X 8 9 10 11 12 13 14 15
MECHATROLINK
Connector
Station Address Setting
Rotary SW
Status Indicator LED
Operating Mode Setting DIP SW (SW1)
Discrete I/O Status Indicator LED
Power Supply Terminals
I/O Terminals
TERMINAL ASSIGNMENTS
■I/O TERMINAL ASSIGNMENT
14
5
6
Y7
Y6
Y8
15
Y9
16
17
18
7
8
9
Y11
Y13
Y15
Y10
Y12
10
1
2
+24V
0V
Y0
11
Y1
12
13
3
4
Y3
Y5
Y2
Y4
Y14
32
23
24
X7
X6
X8
33
X9
34
35
36
25
26
27
X11
X13
X15
X10
X12
28
19
20
COM
COM
X0
29
X1
30
31
21
22
X3
X5
X2
X4
X14
1
0V
0V (Out Common)
10
+24V
24V DC
2
Y0
0
11
Y1
Output 1
3
Y2
2
12
Y3
Output 3
4
Y4
4
13
Y5
Output 5
5
Y6
6
14
Y7
Output 7
6
Y8
8
15
Y9
Output 9
7
Y10
Output 10
16
Y11
Output 11
8
Y12
Output 12
17
Y13
Output 13
9
Y14
Output 14
18
Y15
Output 15
Output
Output
Output
Output
Output
NO.
ID
FUNCTION
NO.
ID
FUNCTION
19
20
21
22
23
24
25
26
27
COM
Common
28
COM
Common
29
X1
30
X3
31
X5
32
X7
33
X9
X10
X0
X2
X4
X6
X8
34
X11
X12
35
X13
X14
36
X15
Input 0
Input 2
Input 4
Input 6
Input 8
Input 10
Input 12
Input 14
Input 1
Input 3
Input 5
Input 7
Input 9
Input 11
Input 13
Input 15
NO.
ID
FUNCTION
NO.
ID
FUNCTION
4
NC
5
6
7
1
2
3
NC
+
24V
0V
NC
NC
FE
1. NC
2. NC
3. FE
4. NC
5. NC
6. +24V
7. 0V
-
-
Functional earth
-
-
Power supply (24V DC)
Power supply (0V)
■ POWER SUPPLY TERMINAL ASSIGNMENT
■ MECHATROLINK CONNECTION
SRD
+
SRD
–
SLD
Master
termi-
nator
termi-
nator
*Terminator
Be sure to connect the terminating resistors to the unit at both ends of transmission line.
Use the terminating resistor dedicated for MECHATROLINK: Model JEPMC-W6022, Yaskawa Controls Co., Ltd.
Certain types of Master units may have incorporated terminating resistors. Consult the instruction manual of the Master unit.
SRD
+
SRD
–
SLD
SRD
+
SRD
–
SLD
Slave
SRD
+
SRD
–
SLD
SRD
+
SRD
–
SLD
Slave
SRD
+
SRD
–
SLD
MECHATROLINK
Cable
MECHATROLINK
Cable
*
*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com