Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7M-DA16-R-AR Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7M-DA16-R-AR
Description  Remote I/O R7 Series MODBUS I/O MODULE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7M-DA16-R-AR Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7M-DA16-R-AR Datasheet HTML 1Page - M-System Co.,Ltd. R7M-DA16-R-AR Datasheet HTML 2Page - M-System Co.,Ltd. R7M-DA16-R-AR Datasheet HTML 3Page - M-System Co.,Ltd. R7M-DA16-R-AR Datasheet HTML 4Page - M-System Co.,Ltd. R7M-DA16-R-AR Datasheet HTML 5Page - M-System Co.,Ltd. R7M-DA16-R-AR Datasheet HTML 6Page - M-System Co.,Ltd. R7M-DA16-R-AR Datasheet HTML 7Page - M-System Co.,Ltd. R7M-DA16-R-AR Datasheet HTML 8Page - M-System Co.,Ltd. R7M-DA16-R-AR Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
MODEL: R7M
R7M SPECIFICATIONS
ES-7803 Rev.26 Page 1/39
http://www.m-system.co.jp/
Remote I/O R7 Series
MODBUS I/O MODULE
ORDERING INFORMATION
• Basic module: R7M-[1]-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. R7M-DC16A-R/UL)
• Specify the specification for option code /Q
(e.g. /C01/SET)
• Extension module: R7M-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R7M-EC16A/UL)
• Specify the specification for option code /Q
(e.g. /C01)
BASIC MODULE: R7M–[1]–[2][3]
[1] I/O TYPE
DA16: Discrete input, 16 points
DA16F: Discrete input, 16 points
(115.2 kbps, Option /UL Not selectable)
(Terminating resistor incorporated)
DC16A: NPN transistor output, 16 points
DC16B: PNP transistor output, 16 points
DAC16C: NPN discrete input &
NPN transistor output, 8 points each
(115.2 kbps, option /UL Not selectable)
(Terminating resistor incorporated)
DAC16D: PNP discrete input &
PNP transistor output, 8 points each
(115.2 kbps, option /UL Not selectable)
(Terminating resistor incorporated)
DC8C: Relay contact output, 8 points
(Option /UL Not selectable)
(Not usable with ‘extension’ modules)
RR8: Remote control relay control, 8 points
(115.2 kbps, CE not available, option /UL Not selectable)
(Terminating resistor incorporated)
SV4: DC voltage/current input (10 V / 20 mA), 4 points
TS4: Thermocouple input, 4 points
RS4: RTD input, 4 points
MS4: Potentiometer input, 4 points (Option /UL Not selectable)
CT4E: AC current input, 4 points,
Clamp-on current sensor CLSE use
(Option /UL Not selectable)
PA8: Totalized pulse input, 8 points,
(115.2 kbps, CE not available, option /UL Not selectable)
(Terminating resistor incorporated)
YV2: DC voltage output, 2 points
YS2: DC current output, 2 points
[2] POWER INPUT
DC power
R: 24 V DC
(Operational voltage range: ±10 %; ripple 10 %p-p max.)
Universal
AR: 24 V AC/DC (Only for R7M-PA8 and RR8)
(Operational voltage range: ±10 %; ripple 10 %p-p max.)
[3] OPTIONS
Standards & Approvals
blank: CE marking (Refer I/O TYPE code for exception)
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
(UL not available)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7803-x)
EXTENSION MODULE: R7M–[1][2]
[1] I/O TYPE
EA8: Discrete input, 8 points
EA16: Discrete input, 16 points
EC8A: NPN transistor output, 8 points
EC16A: NPN transistor output, 16 points
EC8B: PNP transistor output, 8 points
EC16B: PNP transistor output, 16 points
EC8C: Relay contact output, 8 points
(CE not available. Option /UL Not selectable)


Similar Part No. - R7M-DA16-R-AR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
R7M-A03030-BS1 OMRON-R7M-A03030-BS1 Datasheet
339Kb / 8P
Cost-Effective Servo Capability with Stepper Simplicity
R7M-A03030-S1 OMRON-R7M-A03030-S1 Datasheet
339Kb / 8P
Cost-Effective Servo Capability with Stepper Simplicity
R7M-A05030-BS1 OMRON-R7M-A05030-BS1 Datasheet
339Kb / 8P
Cost-Effective Servo Capability with Stepper Simplicity
R7M-A05030-S1 OMRON-R7M-A05030-S1 Datasheet
339Kb / 8P
Cost-Effective Servo Capability with Stepper Simplicity
R7M-A10030-BS1 OMRON-R7M-A10030-BS1 Datasheet
339Kb / 8P
Cost-Effective Servo Capability with Stepper Simplicity
More results

Similar Description - R7M-DA16-R-AR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7FN-DC8C MSYSTEM-R7FN-DC8C Datasheet
158Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DC16A MSYSTEM-R7FN-DC16A Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DAC16A MSYSTEM-R7FN-DAC16A Datasheet
162Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DA16 MSYSTEM-R7FN-DA16 Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7E MSYSTEM-R7E Datasheet
905Kb / 31P
Remote I/O R7 Series ETHERNET I/O MODULE
R7D MSYSTEM-R7D Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
R7C MSYSTEM-R7C Datasheet
1Mb / 46P
Remote I/O R7 Series CC-Link I/O MODULE
R7FN-YS2 MSYSTEM-R7FN-YS2 Datasheet
161Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7L MSYSTEM-R7L Datasheet
608Kb / 26P
Remote I/O R7 Series LonWorks I/O MODULE
R7ML MSYSTEM-R7ML Datasheet
1Mb / 40P
Remote I/O R7 Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com