Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7ML-DC16A-R Datasheet(PDF) 12 Page - M-System Co.,Ltd.

Part # R7ML-DC16A-R
Description  Remote I/O R7 Series MECHATROLINK I/O MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7ML-DC16A-R Datasheet(HTML) 12 Page - M-System Co.,Ltd.

Back Button R7ML-DC16A-R Datasheet HTML 8Page - M-System Co.,Ltd. R7ML-DC16A-R Datasheet HTML 9Page - M-System Co.,Ltd. R7ML-DC16A-R Datasheet HTML 10Page - M-System Co.,Ltd. R7ML-DC16A-R Datasheet HTML 11Page - M-System Co.,Ltd. R7ML-DC16A-R Datasheet HTML 12Page - M-System Co.,Ltd. R7ML-DC16A-R Datasheet HTML 13Page - M-System Co.,Ltd. R7ML-DC16A-R Datasheet HTML 14Page - M-System Co.,Ltd. R7ML-DC16A-R Datasheet HTML 15Page - M-System Co.,Ltd. R7ML-DC16A-R Datasheet HTML 16Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
MODEL: R7ML
http://www.m-system.co.jp/
R7ML SPECIFICATIONS
ES-7805 Rev.11 Page 12/40
■ AUTOMATIC ZERO CORRECTION
Set the offset input value. Perform automatic zero correction setting after Zero/Span adjustments.
The procedures are as follows.
1) Apply desired offset input value to the sensor.
2) Set “1” to Automatic zero correction bit. When the offset is completed, LED0 for Input 0 or LED8 for Input 1 turns on.
3) After checking the LED, set “0” to Automatic zero correction bit.
■ ZERO ADJUSTMENT
Adjust input zero point. The procedures are as follows.
1) Apply 0% load to the sensor.
2) Set “1” to Zero adjustment bit. When the adjustment is completed, LED1 for Input 0 or LED9 for Input 1 turns on.
3) After checking the LED, set “0” to Zero adjustment bit.
■ SPAN ADJUSTMENT (with actual load)
Adjust input span point with the actual load. The procedures are as follows.
1) Apply actual 100% load to the sensor.
2) Set “1” to Span adjustment bit. When the adjustment is completed, LED2 for Input 0 or LED10 for Input 1 turns on.
3) After checking the LED, set “0” to Span adjustment bit.
■ LOAD COEFFICIENT
Adjust input Span point by setting load coefficient without applying 100% actual load. The followings are an example of
adjustment with 20 % load.
1) Apply 20% load of the actual load to the sensor.
2) Set 2000 (decimal) to Input set data area.
3) Set “1” to Span adjustment bit. When the adjustment is completed, LED2 for Input 0 or LED10 for Input 1 turns on.
4) After checking the LED, set “0” to Span adjustment bit.
■ MODE SETTING
Select measuring mode or monitor output mode.
• Measuring mode
Set “0” to Mode setting bit to enter measuring mode. In measuring mode, monitor output is linked with input data.
• Monitor output mode
Set “1” to Mode setting bit to enter monitor output mode. In monitor output mode, values at set data area of each input
are outputted. Set values at set data area are displayed in Input data area and inputs are disabled. The followings are
setting procedures of 20% monitor output for Input 1.
1) Set 2000 (decimal) to Input 1 set data area.
2) Set “1” to Mode setting bit. When the setting is completed, LED7 turns on and 20% of Input 1 is outputted from
monitor output terminal .
3) After checking the output, set “0” to Mode setting bit to return to measuring mode.
■ RESET OFFSET
Reset the offset value set by Automatic zero correction to zero. The procedures are as follows.
1) Set “1” to Reset offset bit. When the reset is completed, LED4 for Input 0 or LED12 for Input 1 turns on.
2) After checking the LED, set “0” to Reset offset bit.
“1” is to be set when input is -1.0% or less.
■ INPUT BELOW RANGE (Input only)
“1” is to be set when input is within the range between -1.0% and 101.0%.
“1” is to be set when input is 101.0% or more.
■ INPUT OVER RANGE (Input only)
■ INPUT WITHIN RANGE (Input only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com