Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7L-EC8A/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7L-EC8A/Q
Description  Remote I/O R7 Series LonWorks I/O MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7L-EC8A/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7L-EC8A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R7L-EC8A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R7L-EC8A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R7L-EC8A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R7L-EC8A/Q Datasheet HTML 5Page - M-System Co.,Ltd. R7L-EC8A/Q Datasheet HTML 6Page - M-System Co.,Ltd. R7L-EC8A/Q Datasheet HTML 7Page - M-System Co.,Ltd. R7L-EC8A/Q Datasheet HTML 8Page - M-System Co.,Ltd. R7L-EC8A/Q Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MODEL: R7L
R7L SPECIFICATIONS
ES-7804 Rev.13 Page 4/26
http://www.m-system.co.jp/
CONNECTION DIAGRAMS
■
4
NET1
5
NET2
6
U (+)
1
NET1
2
NET2
3
FG
7
V (–)
NO.
ID
FUNCTION, NOTES
1
NET1
LONWORKS communication 1
2
NET2
LONWORKS communication 2
3
FG
FG
4
NET1
LONWORKS communication 1
5
NET2
LONWORKS communication 2
6
U (+)
Power input
7
V (–)
Power input
POWER SUPPLY, LONWORKS TERMINAL ASSIGNMENT
Note: LONWORKS wiring must be paired between NET1 terminals
and/or NET2 terminals.
■ HOST PC CONNECTION
HOST PC
LONWORKS
R 7L
LONWORKS
R 7L
LONWORKS
Terminator
DATA CONVERSION
■ 0 – 100% DATA CONVERSION
Analog input data is converted into digital representations of 0 – 100% proportional to each scaled range. The converted %
values are expressed in signed 16 bits.
Overrange input is possible from -15 to +115% of the nominal range. When the signal exceeds the limit, the data is xed at
-15% or +115% respectively.
• Input Range 0 – 5V DC
Input Value
Input %
Converted Data, Decimal
≤ -0.75V
-15%
-15.00
0V
0%
0.00
5V
100%
100.00
≥ 5.75V
115%
115.00
Analog output is converted in the reverse order of the input data. The output range 0 – 5V DC is expressed as 100.00 at
5.0V (100%) and 0.00 at 0V (0%).
115.00
100.00
-0.75
-15.00
5.0
5.75
0
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com