Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7L-EC16A/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7L-EC16A/Q
Description  Remote I/O R7 Series LonWorks I/O MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7L-EC16A/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7L-EC16A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R7L-EC16A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R7L-EC16A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R7L-EC16A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R7L-EC16A/Q Datasheet HTML 5Page - M-System Co.,Ltd. R7L-EC16A/Q Datasheet HTML 6Page - M-System Co.,Ltd. R7L-EC16A/Q Datasheet HTML 7Page - M-System Co.,Ltd. R7L-EC16A/Q Datasheet HTML 8Page - M-System Co.,Ltd. R7L-EC16A/Q Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MODEL: R7L
R7L SPECIFICATIONS
ES-7804 Rev.13 Page 1/26
http://www.m-system.co.jp/
Remote I/O R7 Series
LonWorks I/O MODULE
ORDERING INFORMATION
• Basic module: R7L-[1]-AR[2]
Specify a code from below for each [1] and [2].
(e.g. R7L-DC16A-AR/Q)
• Specify the specification for option code /Q
(e.g. /C01)
• Extension module: R7L-[1][2]
Specify a code from below for each [1] and [2].
(e.g. R7L-EC16A/Q)
• Specify the specification for option code /Q
(e.g. /C01)
MODEL: R7L-[1]-AR[2]
[1] I/O TYPE
DA16: Discrete input, 16 points
DC16A: NPN transistor output, 16 points
(One-shot pulse output is available.)
DC16B: PNP transistor output, 16 points
(One-shot pulse output is available.)
DAC16: PNP discrete input, 8 points
NPN transistor output, 8 points
(One-shot pulse output is available.)
SV4: DC voltage/current input (10 V/20 mA), 4 points
TS4: Thermocouple input, 4 points
RS4: RTD input, 4 points
YV2: DC voltage output, 2 points
YS2: DC current output, 2 points
RR8: Remote control relay control output, 8 points
R7L-DA16 and -DAC16 can accept totalized pulse input with
no need of input extension module. Other modules need
extension module.
POWER INPUT
Universal
AR: 24 V AC/24 V DC
(Operational voltage range: 24 V AC±10 %,50/60Hz/
24 V DC±10 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
EXTENSION MODULE: R7L–[1][2]
[1] I/O TYPE
EA8: Discrete input, 8 points
EA16: Discrete input, 16 points
EC8A: NPN transistor output, 8 points
EC16A: NPN transistor output, 16 points
EC8B: PNP transistor output, 8 points
EC16B: PNP transistor output, 16 points
[2] OPTIONS
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
FUNCTIONS & FEATURES
The R7L interfaces analog and discrete I/O signals with a PC
via LonWorks.
A ‘basic’ module can be attached with an ‘extension’
module. By combining two modules, single station can
handle mixed analog and discrete signals, 32-point discrete
inputs, 32-point discrete outputs, 16-point discrete I/Os and
other combinations of signals.
Single module can handle multiple Functional Blocks, not
only the discrete I/O, but also the pulse count input, one-
shot output, scaling, alarm output, and so forth.
Input sensor type (thermocouple, RTD) and range can be
selected using the LNS Plug-in Software (model: R7LPLG).
RELATED PRODUCTS
• XIF File (Device Interface File)
XIF file is used to define a LonWorks device when
programmed on LonMaker.
• LNS Plug-in Software (model: R7LPLG)
XIF files and LNS Plug-in Software are downloadable at M-
System's web site.


Similar Part No. - R7L-EC16A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7LWTU MSYSTEM-R7LWTU Datasheet
221Kb / 8P
Remote I/O R7 Series MULTI POWER MODULE
R7LWTU-211-AD4 MSYSTEM-R7LWTU-211-AD4 Datasheet
221Kb / 8P
Remote I/O R7 Series MULTI POWER MODULE
R7LWTU-211-AD4/Q MSYSTEM-R7LWTU-211-AD4/Q Datasheet
221Kb / 8P
Remote I/O R7 Series MULTI POWER MODULE
R7LWTU-221-AD4 MSYSTEM-R7LWTU-221-AD4 Datasheet
221Kb / 8P
Remote I/O R7 Series MULTI POWER MODULE
R7LWTU-221-AD4/Q MSYSTEM-R7LWTU-221-AD4/Q Datasheet
221Kb / 8P
Remote I/O R7 Series MULTI POWER MODULE
More results

Similar Description - R7L-EC16A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7FN-DC8C MSYSTEM-R7FN-DC8C Datasheet
158Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DC16A MSYSTEM-R7FN-DC16A Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DAC16A MSYSTEM-R7FN-DAC16A Datasheet
162Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DA16 MSYSTEM-R7FN-DA16 Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7E MSYSTEM-R7E Datasheet
905Kb / 31P
Remote I/O R7 Series ETHERNET I/O MODULE
R7D MSYSTEM-R7D Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
R7C MSYSTEM-R7C Datasheet
1Mb / 46P
Remote I/O R7 Series CC-Link I/O MODULE
R7FN-YS2 MSYSTEM-R7FN-YS2 Datasheet
161Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7M MSYSTEM-R7M Datasheet
1Mb / 39P
Remote I/O R7 Series MODBUS I/O MODULE
R7ML MSYSTEM-R7ML Datasheet
1Mb / 40P
Remote I/O R7 Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com