Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1D03JDPR Datasheet(PDF) 1 Page - Schneider Electric

Part # SSL1D03JDPR
Description  Harmony, Solid state relay pre assembled, 3.5 A, DC switching, spring sockets, input 4??2 V DC, output 1...24 V DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSL1D03JDPR Datasheet(HTML) 1 Page - Schneider Electric

  SSL1D03JDPR Datasheet HTML 1Page - Schneider Electric SSL1D03JDPR Datasheet HTML 2Page - Schneider Electric SSL1D03JDPR Datasheet HTML 3Page - Schneider Electric SSL1D03JDPR Datasheet HTML 4Page - Schneider Electric SSL1D03JDPR Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product data sheet
Characteristics
SSL1D03JDPR
Harmony, Solid state relay pre assembled, 3.5 A,
DC switching, spring sockets, input 4…12 V DC,
output 1...24 V DC
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 39.95 USD
Main
Range of product
Harmony Solid State Relays
Product or component type
Solid state relay up to 10 A
Device short name
SSL
Phase
1 phase
Output switching mode
DC switching
Complementary
Mounting support
Spring socket
Line Rated Current
3.5 A
Output voltage
1...24 V DC
CLAMPING FORCE
10...40 N.m
Connections - terminals
Flexible cable with cable end, 0.2...1.5 mm² AWG 24...AWG 16)
Solid cable with cable end, 0.2...1.5 mm² AWG 24...AWG 16)
Capacitance unbalance
1.5 pF input/output
Minimum switching voltage
4 V DC turn-on
Maximum switching voltage
1 V DC turn-off
Input impedance
500 Ohm
Solid state output type
Mosfet output
DC switching
Load current
0.001…3.5 A
Tansient Overvoltage
30 V DC
Surge current
9 A 10 ms
Maximum voltage drop
<0.5 V on-state
Maximum leakage current
0.001 mA off-state
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Aug 18, 2021
1


Similar Part No. - SSL1D03JDPR

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSL1D03JDPV SCHNEIDER-SSL1D03JDPV Datasheet
95Kb / 5P
Harmony, Solid state relay pre assembled, 3.5 A, DC switching, screw sockets, input 4??2 V DC, output 1...24 V DC
Aug 18, 2021
More results

Similar Description - SSL1D03JDPR

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSL1A12BDRPR SCHNEIDER-SSL1A12BDRPR Datasheet
96Kb / 5P
Harmony, Solid state relay pre assembled, 2 A, random switching, spring sockets, input 16...30 V DC, output 24...250 V AC
Aug 18, 2021
SSL1A12JDPR SCHNEIDER-SSL1A12JDPR Datasheet
95Kb / 5P
Harmony, Solid state relay pre assembled, 2 A, zero voltage switching, spring sockets, input 4??12 V DC, output 24...250 V AC
Aug 18, 2021
SSL1A12JDRPR SCHNEIDER-SSL1A12JDRPR Datasheet
95Kb / 5P
Harmony, Solid state relay pre assembled, 2 A, random switching, spring sockets, input 4??2 V DC, output 24...250 V AC
Aug 18, 2021
SSL1D03BDPR SCHNEIDER-SSL1D03BDPR Datasheet
95Kb / 5P
Harmony, Solid state relay pre assembled, 3.5 A, DC switching, spring sockets, input 16??0 V DC, output 1...24 V DC
Aug 18, 2021
SSL1D03BDPV SCHNEIDER-SSL1D03BDPV Datasheet
95Kb / 5P
Harmony, Solid state relay pre assembled, 3.5 A, DC switching, screw sockets, input 16??0 V DC, output 1...24 V DC
Aug 18, 2021
SSL1D03JD SCHNEIDER-SSL1D03JD Datasheet
111Kb / 5P
Harmony, Solid state slim relay, 3.5 A, DC switching, input 3??2 V DC, output 1...24 V DC
Aug 18, 2021
SSL1D03JDPV SCHNEIDER-SSL1D03JDPV Datasheet
95Kb / 5P
Harmony, Solid state relay pre assembled, 3.5 A, DC switching, screw sockets, input 4??2 V DC, output 1...24 V DC
Aug 18, 2021
SSL1D101BDPR SCHNEIDER-SSL1D101BDPR Datasheet
95Kb / 5P
Harmony, Solid state relay pre assembled, 0.1 A, DC switching, spring sockets, input 16??0 V DC, output 1??8 V DC
Aug 18, 2021
SSL1D101JDPR SCHNEIDER-SSL1D101JDPR Datasheet
95Kb / 5P
Harmony, Solid state relay pre assembled, 0.1 A, DC switching, spring sockets, input 4??2 V DC, output 1??8 V DC
Aug 18, 2021
SSL1D101JDPV SCHNEIDER-SSL1D101JDPV Datasheet
95Kb / 5P
Harmony, Solid state relay pre assembled, 0.1 A, DC switching, screw sockets, input 4??2 V DC, output 1...48 V DC
Aug 18, 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com