Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAS216 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FAS216
Description  Fast Architecture SCSI Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FAS216 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FAS216 Datasheet HTML 1Page - List of Unclassifed Manufacturers FAS216 Datasheet HTML 2Page - List of Unclassifed Manufacturers FAS216 Datasheet HTML 3Page - List of Unclassifed Manufacturers FAS216 Datasheet HTML 4Page - List of Unclassifed Manufacturers FAS216 Datasheet HTML 5Page - List of Unclassifed Manufacturers FAS216 Datasheet HTML 6Page - List of Unclassifed Manufacturers FAS216 Datasheet HTML 7Page - List of Unclassifed Manufacturers FAS216 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
53236-580-00 C
FAS216/216U/236/236U
1
Features
s
Host application and 16-bit peripheral application
support
s
Compliance with ANSI SCSI standard
X3.131-1994
s
Compliance with ANSI SCSI configured
automatically (SCAM) protocol levels 1 and 2
s
Compliance with ANSI X3T10/855D SCSI-3
parallel interface (SPI) standard
s
Compliance with ANSI X3T10/1071D Fast-20
standard
s
Asynchronous data transfers up to 7 Mbytes/sec
s
Synchronous data transfers up to 5 Mbytes/sec
(normal SCSI), 10 Mbytes/sec (fast SCSI), and 20
Mbytes/sec (Ultra SCSI)
Ì
Programmable synchronous transfer period
Ì
Programmable synchronous transfer offsets up
to 15 bytes
s
24-bit transfer counter
s
Initiator and target modes
s
Differential driver protection (DIFFSENS)
s
Direct memory access (DMA) burst transfer rate up
to 20 Mbytes/sec
s
Pipelined command structure
s
16-byte data FIFO between DMA and SCSI
channels
s
Parity pass-through on FIFO data
s
Part-unique ID code
s
On-chip, single-ended SCSI transceivers
(48-mA drivers)
s
Clock rates up to 40 MHz
Figure 1. FAS2x6 Block Diagram
SEQUENCERS
FIFO
SCSI
CONTROL
SCSI
DATA
CLOCK
CONVERSION
DB BUS
SYNC OFFSET/
SYNC ASSERT/
SYNC DEASSERT
SYNC PERIOD
SEQUENCE
STEP
STATUS
INTERRUPT
COMMAND
TRANSFER
COUNTER
PAD BUS
SEL/RESEL
BUS ID
SEL/RESEL
TIMEOUT
TRANSFER
COUNT
CONFIGURATION
TEST (SCAM)
NOTE:
SCAM APPLIES TO THE FAS216U AND FAS236U ONLY.
QLogic Corporation
FAS216/216U/236/236U
Fast Architecture SCSI Processor
Data Sheet


Similar Part No. - FAS216

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
Fast Architecture SCSI
FAS2700 ETC-FAS2700 Datasheet
383Kb / 4P
NetApp FAS2700 Series Hybrid Storage Systems Simplify your storage with leading data management
FAS2720 ETC-FAS2720 Datasheet
383Kb / 4P
NetApp FAS2700 Series Hybrid Storage Systems Simplify your storage with leading data management
FAS2750 ETC-FAS2750 Datasheet
383Kb / 4P
NetApp FAS2700 Series Hybrid Storage Systems Simplify your storage with leading data management
More results

Similar Description - FAS216

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86606A FUJITSU-MB86606A Datasheet
605Kb / 64P
FAST-20 SCSI Protocol Controller
logo
Integrated Circuit Syst...
MK1449B ICST-MK1449B Datasheet
60Kb / 4P
Sound/SCSIFast Ethernet Clock
Revision 120799
logo
Hynix Semiconductor
GM82C700 HYNIX-GM82C700 Datasheet
3Mb / 45P
FAST SCSI-2 HOST ADAPTER
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
Fast Architecture SCSI
logo
RDC Semiconductor
R2020 RDC-R2020 Datasheet
62Kb / 4P
FAST ETHERNET RISC PROCESSOR
R2022 RDC-R2022 Datasheet
65Kb / 4P
FAST ETHERNET RISC PROCESSOR
R2600 RDC-R2600 Datasheet
89Kb / 6P
FAST ETHERNET RISC PROCESSOR
logo
Freescale Semiconductor...
MPC5121E FREESCALE-MPC5121E_10 Datasheet
691Kb / 86P
e300 Power Architecture processor core
logo
Texas Instruments
OMAP3530ECUS TI1-OMAP3530ECUS Datasheet
3Mb / 264P
OMAP3530/25 Applications Processor: OMAP 3 Architecture
logo
Freescale Semiconductor...
CWH-CTP-COP-YE FREESCALE-CWH-CTP-COP-YE Datasheet
131Kb / 1P
Power Architecture processor ( COP ) Probe Tips for CodeWarrior TAP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com