Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ODZ-MAH-CAB-R2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # ODZ-MAH-CAB-R2
Description  Data Matrix Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ODZ-MAH-CAB-R2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  ODZ-MAH-CAB-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Data Matrix Accessories
ODZ-MAH-CAB-R2
Dimensions
Electrical connection
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
l
Model Number
ODZ-MAH-CAB-R2
Connection cable RS 232 interface
Function
ODZ-MAH-CAB-R2 is a cable for connecting
handhelds belonging to the product families
ODT-HH-MAH* and I*T-HH20 to the RS 232
interface of a computer. You also need the
power supply unit ODZ-MAH200-SUPPLY for
external power supply.
Matching system components
ODZ-MAH-B15-R2
Bluetooth modem, configured for RS 232
ODZ-MAH-B15-M3
Bluetooth modem, configured for USB
ODZ-MAH-B15
Bluetooth modem, configured for USB
Accessories
ODZ-MAH-SUPPLY-GB
Power supply
ODZ-MAH200-SUPPLY
Power supply
ODZ-MAH-SUPPLY
Power supply
ODZ-MAH-5V-110V
Power supply
Technical data
General specifications
Number of pins
4
Mechanical specifications
Core cross-section
0.14 mm2
Connection
RS 232: 9-pin Sub-D socket
Supply voltage: 5.5 mm hollow socket
Cable
Color
black
Cores
4 x 0.14 mm2
Shield
grid
Length
L
approx. 1 m with spiral cable
Cable length
max. 2.4 m stretched
5
9
6
1
1
2
3
5
1
2
3
8
Shield
+
-
1
5
7
3
2
6
8
4


Similar Part No. - ODZ-MAH-CAB-R2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ODZ-MAH-CAB-CBOX PF-ODZ-MAH-CAB-CBOX Datasheet
188Kb / 1P
Adapter
More results

Similar Description - ODZ-MAH-CAB-R2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ODZ-MAC335-TRIGBOX PF-ODZ-MAC335-TRIGBOX Datasheet
250Kb / 2P
Data Matrix Accessories
ODZ-MAC-CAB-VIDEO PF-ODZ-MAC-CAB-VIDEO Datasheet
37Kb / 1P
Data Matrix Accessories
ODZ-MAC-PWR-24V PF-ODZ-MAC-PWR-24V Datasheet
63Kb / 1P
Data Matrix Accessories
ODZ-MAH-5V-110V PF-ODZ-MAH-5V-110V Datasheet
96Kb / 1P
Data Matrix Accessories
ODZ-MAH-B15-M3 PF-ODZ-MAH-B15-M3 Datasheet
134Kb / 1P
Data Matrix Accessories
ODZ-MAC-CAB-24V-R2-2M PF-ODZ-MAC-CAB-24V-R2-2M Datasheet
177Kb / 1P
Data Matrix Accessories
OHV1000-BRACKET PF-OHV1000-BRACKET Datasheet
119Kb / 1P
Data Matrix Accessories
OHV-BAT PF-OHV-BAT Datasheet
108Kb / 1P
Data Matrix Accessories
OHV-CHARGER PF-OHV-CHARGER Datasheet
123Kb / 1P
Data Matrix Accessories
OHV-CHARGER-B15 PF-OHV-CHARGER-B15 Datasheet
146Kb / 1P
Data Matrix Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com