Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7ML-YV2-R/Q Datasheet(PDF) 16 Page - M-System Co.,Ltd.

Part # R7ML-YV2-R/Q
Description  Remote I/O R7 Series MECHATROLINK I/O MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7ML-YV2-R/Q Datasheet(HTML) 16 Page - M-System Co.,Ltd.

Back Button R7ML-YV2-R/Q Datasheet HTML 12Page - M-System Co.,Ltd. R7ML-YV2-R/Q Datasheet HTML 13Page - M-System Co.,Ltd. R7ML-YV2-R/Q Datasheet HTML 14Page - M-System Co.,Ltd. R7ML-YV2-R/Q Datasheet HTML 15Page - M-System Co.,Ltd. R7ML-YV2-R/Q Datasheet HTML 16Page - M-System Co.,Ltd. R7ML-YV2-R/Q Datasheet HTML 17Page - M-System Co.,Ltd. R7ML-YV2-R/Q Datasheet HTML 18Page - M-System Co.,Ltd. R7ML-YV2-R/Q Datasheet HTML 19Page - M-System Co.,Ltd. R7ML-YV2-R/Q Datasheet HTML 20Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
MODEL: R7ML
http://www.m-system.co.jp/
R7ML SPECIFICATIONS
ES-7805 Rev.11 Page 16/40
DISCRETE INPUT MODULE, 16 points
MODEL: R7ML-DA16
SPECIFICATIONS
Common: Positive or negative common (PNP/NPN) per
16 points
Number of I/O: Input, 16 points
Maximum inputs applicable at once: No limit (at 24 V DC)
Input status indicator: LED turns ON with contact ON
Isolation: Input to MECHATROLINK or FG to power input
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage / current: ≥ 15 V DC (input – COM) / ≥ 3.5 mA
OFF voltage / current: ≤ 5 V DC (input – COM) / ≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 2.0 msec.
OFF delay: ≤ 2.0 msec.
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-3, 1-4, 1-5 are unused.
Be sure to turn off unused ones.
• Extension (SW1-1, 1-2)
SW1-1 SW1-2
Extension
OFF
OFF
No extension (*)
ON
OFF
Discrete input, 8 or 16 points
OFF
ON
Discrete output, 8 or 16 points
• Read Rate (SW1-6, 1-7, 1-8)
SW1-6
SW1-7
SW1-8
Read rate
OFF
OFF
OFF
≤10 msec. (*)
ON
OFF
OFF
≤1 msec.
OFF
ON
OFF
≤5 msec.
ON
ON
OFF
≤20 msec.
OFF
OFF
ON
≤50 msec.
ON
OFF
ON
≤70 msec.
OFF
ON
ON
≤100 msec.
ON
ON
ON
≤200 msec.
TERMINAL ASSIGNMENTS
10
NC
11
X1
12
X3
1
COM
2
X0
3
X2
13
X5
4
X4
14
X7
5
X6
15
X9
6
X8
16
XB
7
XA
17
XD
8
XC
9
XE
18
XF
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
COM Common
10
NC
No Connection
2
X0
Input 0
11
X1
Input 1
3
X2
Input 2
12
X3
Input 3
4
X4
Input 4
13
X5
Input 5
5
X6
Input 6
14
X7
Input 7
6
X8
Input 8
15
X9
Input 9
7
XA
Input 10
16
XB
Input 11
8
XC
Input 12
17
XD
Input 13
9
XE
Input 14
18
XF
Input 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com