Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD301 Datasheet(PDF) 67 Page - STMicroelectronics

Part # PSD301
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD301 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button PSD301 Datasheet HTML 63Page - STMicroelectronics PSD301 Datasheet HTML 64Page - STMicroelectronics PSD301 Datasheet HTML 65Page - STMicroelectronics PSD301 Datasheet HTML 66Page - STMicroelectronics PSD301 Datasheet HTML 67Page - STMicroelectronics PSD301 Datasheet HTML 68Page - STMicroelectronics PSD301 Datasheet HTML 69Page - STMicroelectronics PSD301 Datasheet HTML 70Page - STMicroelectronics PSD301 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
PSD3XX Family
64
Figure 40. Port A as AD0–AD7 Timing (Track Mode) Using R/W, E or R/W, DS (PSD3X2/3X3)
33
25
33
32
12
28
24
34
35
DATA VALID
12
1
32
32
32
23
24
26
2
ADDRESS
ADDRESS
2
3
2
35
READ CYCLE
WRITE CYCLE
STABLE INPUT
STABLE INPUT
STABLE INPUT
STABLE INPUT
Direct
PAD Input
(1,4)
Multiplexed
PAD Inputs
(5,7)
A0/AD0-
A7/AD7
or AS
AS
RD/E/DS as E
RD/E/DS as E
RD/E/DS as E
RD/E/DS as E
WR/VPP or
R/W as R/W
1
3
34
27
23
RD/E/DS as DS
PA0-PA7
29
CSOi
(3,6)
ADR OUT
DATA IN
DATA
OUT
WRITTEN
DATA
ADR OUT
1. Direct PAD input = any of the following direct PAD input lines: CSI/A19 as transparent A19, RD/E/DS, WR or
R/W, transparent PC0–PC2, ALE in non-multiplexed modes.
2. Multiplexed inputs: any of the following inputs that are latched by the ALE (or AS): A0/AD0–A15/AD15,
CSI/A19 as ALE dependent A19, ALE dependent PC0–PC2.
3. CSOi = any of the chip-select output signals coming through Port B (CS0–CS7) or through Port C
(CS8–CS10).
4. CSADOUT1, which internally enables the address transfer to Port A, should be derived only from direct PAD
input signals, otherwise the address propagation delay is slowed down.
5. CSADIN and CSADOUT2, which internally enable the data-in or data-out transfers, respectively, can be
derived from any combination of direct PAD inputs and multiplexed PAD inputs.
6. The write operation signals are included in the CSOi expression.
7. Multiplexed PAD inputs: any of the following PAD inputs that are latched by the ALE (or AS) in the multiplexed
modes: A11/AD11–A15/AD15, CSI/A19 as ALE dependent A19, ALE dependent PC0–PC2.
8. CSOi product terms can include any of the PAD input signals shown in Figure 3, except for reset and CSI.
Notes for
Timing
Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com