Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255 Datasheet(PDF) 42 Page - Analog Devices

Part # ADA4255
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADA4255 Datasheet HTML 38Page - Analog Devices ADA4255 Datasheet HTML 39Page - Analog Devices ADA4255 Datasheet HTML 40Page - Analog Devices ADA4255 Datasheet HTML 41Page - Analog Devices ADA4255 Datasheet HTML 42Page - Analog Devices ADA4255 Datasheet HTML 43Page - Analog Devices ADA4255 Datasheet HTML 44Page - Analog Devices ADA4255 Datasheet HTML 45Page - Analog Devices ADA4255 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Data Sheet
ADA4255
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 42 of 64
3-WIRE RTD WITH CURRENT EXCITATION
3-wire RTDs are commonly used for precision temperature meas-
urement. Figure 108 shows how the ADA4255 can be used to
accurately measure temperature using a 3-wire RTD sensor. In
this implementation, the current source of the ADA4255, IOUT, is
used to drive the RTD. RL1, RL2, and RL3 represent the parasitic
lead resistances of the RTD. Through a sequence of three voltage
measurements and by assuming all RLx resistors are equal, a
temperature measurement can be made that is insensitive to the
parasitic resistances of RL1, RL2 and RL3. Refer to Figure 108 to
aid in the following measurement description.
The excitation current flows through RL1, RTD, RL3, and RREF.
RREF serves as a current sense resistor used to measure the true
value of IOUT. Because of this, the tolerance and drift of RREF
are important in achieving system accuracy specifications. The
combined voltage on RTD and RL1 can be measured between
+IN1 and −IN1. Note that the portion of this measured voltage
that is on RL1 is an error term, and it matches the voltage on
RL3 because RL1 matches RL3, and the same current flows in
both. Next, measure the voltage between −IN2 and +IN2 with the
known value of RREF to calculate the true value of IOUT. A final
measurement of the voltage between −IN1 and +IN2 results in
the combined voltage on RL3 and RREF. From these three voltage
measurements, the voltage across RTD and the current conducted
in RTD are determined, and the RTD value is calculated and used
to determine temperature.
The gain of the ADA4255 must be optimized for each of these
three measurements to maximize resolution. To achieve some of
the switch combinations, the MUX_PROT_DIS bit
(Register ANALOG_ERR_DIS) must also be set.
The ADA4255 internal chopping circuitry can be synchronized to
the companion ADC to help keep the residual chopping noise at
its frequency and to prevent the noise from folding back into a
frequency band of interest. To use the synchronization functionality,
configure GPIO4 to be an input by setting its corresponding bit in
the GPIO_DIR register. Set the ADA4255 to accept an external
clock by setting the EXT_CLK_IN bit in the SF_CFG register.
Adjust the clock divider such that the resulting clock is equal to
1 MHz. The divider can be adjusted in SYNC_CFG register. The
SYNC_CFG register also controls the syncing edge polarity. It is
recommended that two reads from the M_CLK_CNT register are
performed to ensure that the master clock counter is incrementing,
indicating that the ADA4255 is getting an external clock.
The ADA4255 on-chip diagnostics allow the user to check the
circuit connections. In RTD applications, the circuit connections are
verified using the wire break detection capabilities of the ADA4255.
The WB_DETECT register flag is set if one of the RTD wires
is missing. Finally, the CRC check, SCLK counter, and SPI read
and/or write check make the interface more robust because any
read and/or write operations that are not valid are detected. The
CRC check highlights if any bits are corrupted when transmitted
between the processor and the ADA4255.
Figure 108. 3-Wire RTD Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com