Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9322B Datasheet(PDF) 1 Page - Analog Devices

Part # ADE9322B
Description  mSure Enabled Sigma-Delta ADCs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9322B Datasheet(HTML) 1 Page - Analog Devices

  ADE9322B Datasheet HTML 1Page - Analog Devices ADE9322B Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
mSure Enabled Sigma-Delta ADCs
Data Sheet
ADE9322B
Rev. Sp0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
mSure sensor monitoring
Noninvasive, real-time direct, precision measurement of
the input signal path
Identifies sensor malfunction
Companion microcontroller unit firmware to facilitate
diagnostic data reporting
Supported for current shunts and potential divider
mSure self calibration
Automatic calibration based on a direct measurement of
the full signal path
Allows calibration up to 0.25% error for each channel
2 high performance Σ-Δ ADCs
Pseudo differential input voltage range: ±41.67 mV peak,
+29.46 mV rms input on the current channel
Bit stream output
Industrial temperature range: −40°C to +85°C
Integrated temperature sensor with a 12-bit successive
approximation register (SAR) ADC
APPLICATIONS
Shunt-based polyphase energy meters
Solar inverters
Process monitoring
Smart power distribution units
Polyphase ac chargers
GENERAL DESCRIPTION
The ADE9322B1 has highly accurate, 2-channel Σ-Δ analog-to-
digital converters (ADCs) with mSure® that converts two analog
input signals into a single bit stream output. The device is enabled
with an mSure sensor monitoring feature that allows the user to
check the overall accuracy of the sensor and signal path to identify
accuracy drifts that occur over time on the current and voltage
channels, independently. The mSure sensor monitoring feature
enables antitampering and meter health capabilities when
incorporated into a larger system, including digital isolation, a
digital metrology engine (ADE7979), and cloud analytics service.
Self calibration with mSure enables the device to automatically
calibrate the current and voltage channels to achieve a 1% energy
accuracy.
The ADE9322B incorporates high performance ADCs. The
current channel is designed to interface with a shunt resistor.
The voltage channel requires an input from a potential divider.
A high speed serial peripheral interface (SPI) port and a universal
asynchronous receiver and transmitter (UART) port allows
access to the ADE9322B registers.
Note that throughout this data sheet, multifunction pins, such
as MISO/TX, are referred to either by the entire pin name or by
a single function of the pin, for example, MISO, when only that
function is relevant.
The ADE9322B operates from a 3.3 V supply and is available in
a 32-lead LFCSP.
FUNCTIONAL BLOCK DIAGRAM
ADE9322B
CLKIN
AGND/DGND
PHASE
NEUTRAL
AGND/DGND
AGND/DGND
VMS
VN
VP
IN
IP
IMS
CLKOUT
SYNCIN
DATAOUT
RESET
ADDR1
ADDR0
SS
SCLK
MISO/TX
MOSI/RX
RBIG
RSMALL
RSHUNT
LOAD
mSure VOLTAGE DRIVER
mSure ENGINE
mSure REMOVAL
mSure DETECTOR
ADC
ADC
mSure CURRENT DRIVER
TEMPERATURE
SENSOR
SAR
CLOCK
GENERATION
BIT STREAM
INTERFACE
SPI/UART
INTERFACE
V
I
NOTES
1. RBIG IS THE UPPER VOLTAGE DIVIDER RESISTOR.
2. RSMALL IS THE LOWER VOLTAGE DIVIDER RESISTOR.
3. RSHUNT IS THE SHUNT RESISTOR IN THE PHASE OF THE MAINS.
Figure 1.
For more information about the ADE9322B, contact your local Analog Devices, Inc., Sales Team, email energy.support@analog.com or
visit www.analog.com/mSure.
1
Protected by U.S. Patents 8,350,558; 8,010,304; WO2013038176 A3; 0113507 A1; 0253102 A1; 0354266 A1; and 0154029 A1. Other patents pending.


Similar Part No. - ADE9322B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE9000 AD-ADE9000 Datasheet
1,004Kb / 73P
High Performance, Multiphase Energy Power Quality Monitoring IC
Rev. A
ADE9000ACPZ AD-ADE9000ACPZ Datasheet
1,004Kb / 73P
High Performance, Multiphase Energy Power Quality Monitoring IC
Rev. A
ADE9000ACPZ-RL AD-ADE9000ACPZ-RL Datasheet
1,004Kb / 73P
High Performance, Multiphase Energy Power Quality Monitoring IC
Rev. A
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
High Performance
Rev. 0
ADE9078ACPZ AD-ADE9078ACPZ Datasheet
2Mb / 108P
High Performance
Rev. 0
More results

Similar Description - ADE9322B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3550 MICROCHIP-MCP3550 Datasheet
583Kb / 30P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2007
MCP3550 MICROCHIP-MCP3550_09 Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
logo
Microchip Technology
MCP3551-ESN MICROCHIP-MCP3551-ESN Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
logo
Analog Devices
AD7788 AD-AD7788 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
logo
Analog Devices
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Cirrus Logic
AN314 CIRRUS-AN314 Datasheet
339Kb / 10P
Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com