Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5035 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5035
Description  fully assembled and tested surface-mount printed circuit board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5035 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5035 Datasheet HTML 1Page - Maxim Integrated Products MAX5035 Datasheet HTML 2Page - Maxim Integrated Products MAX5035 Datasheet HTML 3Page - Maxim Integrated Products MAX5035 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAX5035 Evaluation Kit
2
_______________________________________________________________________________________
Quick Start
The MAX5035 EV kit is fully assembled and tested.
Follow these steps to verify board operation. Do not
turn on the power supply until all connections are
completed.
5V Output Verification
1) Verify that a shunt is across pins 1 and 2 of jumper
JU1 (SHDN).
2) Connect a voltmeter to the VOUT pad and GND
pad.
3) Connect a 12V DC power supply to the VIN pad.
Connect the supply ground to the GND pad.
4) Turn on the power supply and verify that VOUT is
at 5V.
For instructions on selecting the feedback resistors for
other output voltages, see the Evaluating Other Output
Voltages section.
Detailed Description
The MAX5035 EV kit features a 5W step-down DC-DC
switching-regulator circuit. The circuit uses a MAX5035
adjustable output-voltage converter to provide an out-
put voltage of 5V and can deliver up to 1A of current to
the output. The user must provide an 8V to 76V DC
source that is capable of supplying at least 2A of cur-
rent to power the circuit.
The MAX5035 converter’s built-in, high-side, low on-
resistance DMOS transistor reduces component count
while maximizing efficiency. Under light loads (approxi-
mately 85mA) the MAX5035 operates in pulse-skipping
mode, and under heavy loads it automatically enters
PWM mode. The circuit switches at 125kHz.
The EV kit features a PCB pad for the SHDN signal to
interface with an external controller. Startup delays can
be evaluated by installing resistor R4 and capacitor C5.
Jumper Selection
Shutdown Mode
The MAX5035 EV kit features a shutdown mode that
reduces the MAX5035 quiescent current to 10µA (typ),
thus reducing the power drain during shutdown mode.
The 3-pin jumper, JU1, selects the shutdown mode for
the MAX5035 EV kit. Table 1 lists the selectable jumper
options.
Component Suppliers
Note: Indicate that you are using the MAX5035 when contacting these component suppliers.
SUPPLIER
PHONE
FAX
WEBSITE
AVX Corp.
843-946-0238
843-626-3123
www.avxcorp.com
Coilcraft, Inc.
847-639-6400
847-639-1469
www.coilcraft.com
International Rectifier
310-322-3331
310-726-8721
www.irf.com
Panasonic Corp.
714-373-7366
714-737-7323
www.panasonic.com
TDK Corp.
847-803-6100
847-390-4405
www.component.tdk.com
Vishay
402-563-6866
402-563-6296
www.vishay.com
SHUNT
LOCATION
SHDN PIN
MAX5035 EV KIT
OUTPUT
1 and 2
Connected to VIN
through R3
MAX5035 enabled
2 and 3
Connected to GND
MAX5035 disabled
None
External controller
connected to SHDN
pad
Logic high = enabled,
Logic low = disabled
Table 1. Jumper JU1 Functions
Caution: Do not connect an external controller to the SHDN
pad while a shunt is on jumper JU1 since the external con-
troller may be damaged.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com