Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC009N06LM5 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ISC009N06LM5
Description  OptiMOSTM5 Power-Transistor, 60 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC009N06LM5 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ISC009N06LM5 Datasheet HTML 3Page - Infineon Technologies AG ISC009N06LM5 Datasheet HTML 4Page - Infineon Technologies AG ISC009N06LM5 Datasheet HTML 5Page - Infineon Technologies AG ISC009N06LM5 Datasheet HTML 6Page - Infineon Technologies AG ISC009N06LM5 Datasheet HTML 7Page - Infineon Technologies AG ISC009N06LM5 Datasheet HTML 8Page - Infineon Technologies AG ISC009N06LM5 Datasheet HTML 9Page - Infineon Technologies AG ISC009N06LM5 Datasheet HTML 10Page - Infineon Technologies AG ISC009N06LM5 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
OptiMOSTM5Power-Transistor,60V
ISC009N06LM5
Rev.2.0,2021-03-08
Final Data Sheet
5PackageOutlines
E2
E3
K2
e
MILLIMETERS
A
b1
c
D
D1
E
E1
L
-
1.10
-
4.90
4.25
5.90
4.00
0.60
0.05
0.20
5.10
4.45
6.10
4.20
0.80
(0.37)
1.27
b
0.34
0.54
0.20
0.40
3.14
3.34
L1
0.43
0.63
Z8B00187559
REVISION
ISSUE DATE
EUROPEAN PROJECTION
01
14.12.2017
DOCUMENT NO.
DIMENSION
MIN.
MAX.
SCALE
0
2mm
10:1
1
L2
(0.25)
Figure1OutlinePG-TSON-8-3,dimensionsinmm/inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com