Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSG02P06 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSG02P06
Description  High Frequency Point-of-Load Synchronous Buck Converter.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSG02P06 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSG02P06 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSG02P06 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSG02P06 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSG02P06 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSG02P06 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±
20
V
ID@TA=25℃
Continuous Drain Current, VGS @ -10V
-
2
A
ID@TA=70℃
Continuous Drain Current, VGS @ -10V
-1.6
A
IDM
Pulsed Drain Current
-10
A
PD@TA=25℃
Total Power Dissipation
2
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
---
62
℃
/W
RθJC
Thermal Resistance Junction-Case
---
5.4
℃
/W
BVDSS
RDSON
ID
-60V
215mΩ
-2A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter.
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT-223 Pin Configuration
Product Summery
WSG02P06
P-Ch MOSFET
Page 1
www.winsok.tw
Rev 1: Apr.2019
This P-Channel enhancement mode power
FETs are produced with high cell density, DMOS
trench technology, which is especially used to
minimize on-state resistance. This device is
particularly suited for low voltage application
such as portable equipment, power management
and other battery powered circuits, and low in-
line power loss are needed in a very small outline
surface mount package.


Similar Part No. - WSG02P06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSG02N20 WIINSOK-WSG02N20 Datasheet
714Kb / 5P
N-Ch MOSFET
More results

Similar Description - WSG02P06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7805ZGTRPBF IRF-IRF7805ZGTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems
logo
Shenzhen Guan Hua Wei Y...
WSF55P06 WIINSOK-WSF55P06 Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous
WSF50P04 WIINSOK-WSF50P04 Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSF4042 WIINSOK-WSF4042 Datasheet
2Mb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter
WSD50P10ADN56 WIINSOK-WSD50P10ADN56 Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSD40P10DN56 WIINSOK-WSD40P10DN56 Datasheet
2Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSD4046DN WIINSOK-WSD4046DN Datasheet
2Mb / 6P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com