Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF55P06 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF55P06
Description  High Frequency Point-of-Load Synchronous
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF55P06 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF55P06 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF55P06 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF55P06 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF55P06 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF55P06 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Limit
Unit
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-Continuous
-50
A
ID (100℃)
Drain Current-Continuous(TC=100℃)
-24.8
A
IDM
Pulsed Drain Current
-220
A
PD
Maximum Power Dissipation
110
W
Derating factor
0.73
W/℃
EAS
Single pulse avalanche energy (Note 5)
273
mJ
TJ,TSTG
Operating Junction and Storage Temperature Range
-55 To 175
℃
RθJC
Thermal Resistance, Junction-to-Case(Note 2)
1.36
℃
/W
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
BVDSS
RDSON
ID
-
60V
23mΩ
-
50A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
CCFL Back-light Inverter
TO
-252 Pin Configuration
Product Summery
WSF55P06
P-Ch MOSFET
Page 1
www.winsok.tw
Rev1.0 May.2021
The WSF55P06 is the highest performance
trench P-ch MOSFETs with extreme high cell
density , which provide excellent RDSON and
gate charge for most of the synchronous
buck converter applications .
The WSF55P06 meet the RoHS and
Green Product requirement , 100% EAS
guaranteed with full function reliability
approved.


Similar Part No. - WSF55P06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF50N10 WIINSOK-WSF50N10 Datasheet
628Kb / 6P
N-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSF50N10 DOINGTER-WSF50N10 Datasheet
862Kb / 4P
N-Channel MOSFET uses advanced SGT technology
logo
Shenzhen Guan Hua Wei Y...
WSF50N10G WIINSOK-WSF50N10G Datasheet
1Mb / 5P
Consumer electronic power supply
WSF50P04 WIINSOK-WSF50P04 Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSF50P10 WIINSOK-WSF50P10 Datasheet
1Mb / 7P
P-Ch MOSFET
More results

Similar Description - WSF55P06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
logo
Texas Instruments
LM21212-1 TI-LM21212-1_15 Datasheet
1Mb / 33P
12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter.
WSF50P04 WIINSOK-WSF50P04 Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSF4042 WIINSOK-WSF4042 Datasheet
2Mb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter
WSD40P10DN56 WIINSOK-WSD40P10DN56 Datasheet
2Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSD4046DN WIINSOK-WSD4046DN Datasheet
2Mb / 6P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
logo
Guangdong Youtai Semico...
IRF7476TR UMW-IRF7476TR Datasheet
372Kb / 8P
High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com