Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF4042 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF4042
Description  High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF4042 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF4042 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rating
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
40
-40
V
VGS
Gate-Sou
rce Voltage
±
20
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
20
-20
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
1
16
-1
4
A
IDM
Pulsed Drain Current
2
80
-
80
A
EAS
Single Pulse Avalanche Energy
3
25
25
mJ
IAS
Avalanche Current
10
-
10
A
PD@TC=25℃
Total Power Dissipation
4
32.9
32.9
W
TSTG
Storage Temperature Range
-55 to 150
-55 to 150
℃
TJ
Operating Junction Temperature Range
150
150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
60
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
3.8
℃
/W
BVDSS
RDSON
ID
40V
14mΩ
20A
-40V
16mΩ
-20A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
CCFL Back-light Inverter
Absolute Maximum Ratings
Thermal Data
TO-252-4L Pin Configuration
Product Summery
WSF4042
N-Ch and P-Channel MOSFET
Page 1
www.winsok.tw
Rev1.0 May.2020
The WSF4042 is the highest performance trench N-ch
and P-ch MOSFET with extreme high cell density ,
which provide excellent RDSON and gate charge for
most of the synchronous buck converter
applications . The WSF4042 meet the RoHS and
Green Product requirement 100% EAS guaranteed
with full function reliability approved.


Similar Part No. - WSF4042

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF4012 WIINSOK-WSF4012 Datasheet
1Mb / 7P
N-Ch and P-Channel MOSFET
WSF4022 WIINSOK-WSF4022 Datasheet
749Kb / 8P
Dual N-Ch MOSFET
WSF4060 WIINSOK-WSF4060 Datasheet
1Mb / 7P
N-Ch MOSFET
WSF40N06 WIINSOK-WSF40N06 Datasheet
842Kb / 5P
P-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSF40N06 DOINGTER-WSF40N06 Datasheet
887Kb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - WSF4042

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter.
WSF55P06 WIINSOK-WSF55P06 Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous
WSF50P04 WIINSOK-WSF50P04 Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter
WSD50P10ADN56 WIINSOK-WSD50P10ADN56 Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSD40P10DN56 WIINSOK-WSD40P10DN56 Datasheet
2Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSD4046DN WIINSOK-WSD4046DN Datasheet
2Mb / 6P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSD2018ADN22 WIINSOK-WSD2018ADN22 Datasheet
1Mb / 6P
High Frequency Point-of-Load Synchronous Small power switching for MB/NB/UMPC/VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com