Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF30100D Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF30100D
Description  High Frequency Point-of-Load Synchronous Buck Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF30100D Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF30100D Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30100D Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30100D Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30100D Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30100D Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA30
32
-
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25
℃, ID=1mA
---
0.028
---
V/
℃
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250μA
1.0
1.6
2.5
V
RDS(on)
Static Drain-Source on-Resistance note3 VGS =10V, ID =30A
-
3.6
4.5
mΩ
RDS(on)
Static Drain-Source on-Resistance note3 VGS =4.5V, ID =20A
-
6.7
9.5
mΩ
IDSS
Zero Gate Voltage Drain Current
VDS =30V, VGS = 0V,
-
-
1.0
μA
IGSS
Gate to Body Leakage Current
VDS =0V, VGS = ±20V
-
-
±100
nA
Ciss
Input Capacitance
-
2100
-
pF
Coss
Output Capacitance
-
326
-
pF
Crss
Reverse Transfer Capacitance
-
282
-
pF
Qg
Total Gate Charge
-
45
-
nC
Qgs
Gate-Source Charge
-
3
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
15
-
nC
td(on)
Turn-on Delay Time
-
21
-
ns
tr
Turn-on Rise Time
-
32
-
ns
td(off)
Turn-off Delay Time
-
59
-
ns
tf
Turn-off Fall Time
-
34
-
ns
IS
-
-
90
A
ISM
-
-
360
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS=30A
-
-
1.2
V
trr
Body Diode Reverse Recovery Time
-
15
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
4
-
nC
4、The power dissipation is limited by 150℃ junction temperature
Notes:
IF=20A,dI/dt=100A/μs
Electrical Characteristics (TJ=25℃, unless otherwise noted)
1、Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
2、The test condition is, VDD =15V, VG =10V, RG =25Ω, L=0.5mH, IAS =19.5A
3、The data tested by pulsed Pulse Test: Pulse Width≤300μs, Duty Cycle≤0.5%
VDS =15V, VGS =0V, f =
1.0MHz
VDS =15V, ID =30A, VGS =10V
VDS=15V, ID=30A, RGEN=3Ω,
VGS =10V
Maximum Continuous Drain to Source Diode Forward Current
Maximum Pulsed Drain to Source Diode Forward Current
WSF30100D
N-Ch MOSFET
Page 2
www.winsok.tw
Rev 1: May.2020



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com