Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC800 Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # ABC800
Description  Convection or Forced Air Cooling
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC800 Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button ABC800 Datasheet HTML 5Page - Bel Fuse Inc. ABC800 Datasheet HTML 6Page - Bel Fuse Inc. ABC800 Datasheet HTML 7Page - Bel Fuse Inc. ABC800 Datasheet HTML 8Page - Bel Fuse Inc. ABC800 Datasheet HTML 9Page - Bel Fuse Inc. ABC800 Datasheet HTML 10Page - Bel Fuse Inc. ABC800 Datasheet HTML 11Page - Bel Fuse Inc. ABC800 Datasheet HTML 12Page - Bel Fuse Inc. ABC800 Datasheet HTML 13Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ABC800 Series
13
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.01018_B
During the installation and setup of parallel supplies in a system it is important that a single remote sense point be used for all the
supplies. The remote sense voltage between the supplies must be adjusted to within 1% to ensure the supplies are inside the 1%
capture window. If the supplies are not initially adjusted inside the capture window the supplies will not current share satisfactorily.
SET-UP PROCEDURE:
1.
Connect load cables to the outputs of each supply.
2.
Connect the remote sense lines to the load in twisted style. (A common remote sense point must be used for all the supplies
in parallel).
3.
Connect all the “LS” signal (Pin 10) on the J3 connector between the supplies.
4.
Adjust remote sense voltage of each supply to within 1% of rated output voltage or readjust to required set point. (Adjustment
to be done with all other parallel supplies off).
5.
Current sharing between the supplies can be verified by monitoring the output current of each supply with a hall effect DC
current probe. The supplies should share to within 10% of the total load current.
6.
The current share circuit has a capture window voltage of +/- 1% of the rated output voltage. If the output remote sense
voltage of one of the supplies is adjusted outside the 1% window the supplies will not current share satisfactorily.
Figure 15. Current Sharing Block Diagram
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com