Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2011 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA2011
Description  3A High Voltage Boost Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2011 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA2011 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2011 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/11
MA2011
Major Power Technology Co., Ltd.
Rev 1.0
17
th, Dec., 2018
PIN ASSIGNMENT
The package of MA2011 is SOP8L-EP. The pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
EN
FB
SOP8L-EP
SS
VIN
GND
PGND
SW
SW
PAD
(SW)
Name
Description
EN
Chip Enable Pin. Active high. Internal pull high. Leave this pin floating to turn on
MA2011. Connect this pin to GND or give logic low signal to turn off. Add an extra
MLCC capacitor from EN pin to GND to adjust turn on delay time and avoids power
sequence issue.
VIN
Input Supply Pin. When VIN>5V, connect this pin to input power through a resistor
about 0~2.2Ω. If VIN≦5V, connect to VOUT through a resistor about 4.7~10Ω.
FB
Negative Feedback Input Pin. The FB voltage is 1.0V. Set output voltage through a
precision resistor divider, recommended tolerance ±1% or lower.
SS
Soft-Start Pin. Connect an MLCC capacitor to GND, recommended 0.1uf/X5R at
least.
SW
Power Switch Output. SW is the drain of the internal MOSFET switch.
PGND Power Ground Pin.
GND
Signal Ground Pin.
PAD
Exposed-Pad. Connect to SW pin, and make sure a large area to SW-pad for
cooling.
ORDER / MARKING INFORMATION
Order Information
Top Marking
Package Type
MA2011
Packing
X X
ES: SOP8L-EP
Blank: Tube
A : Taping
X
X X X X X
MA2 0 1 1
Part number
ID code:internal
WW:01~52
Year:18=2018



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com