Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2011ESA Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA2011ESA
Description  3A High Voltage Boost Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2011ESA Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA2011ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2011ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/11
MA2011
Major Power Technology Co., Ltd.
Rev 1.0
17
th, Dec., 2018
3A High Voltage Boost Converter
GENERAL DESCRIPTION
The MA2011 is a current mode step up converter intended for small, low power
applications. The converter input voltage ranging from 3.5V to 28V. The output voltage can be
set up to 38V. The switching frequency is 800KHz and allows small external inductor and
capacitors and extremely fast transient response. External soft-start results in small inrush
current and extends battery life. Internal power MOSFET with very low RDS(ON) provides high
efficiency. The converter also provides protection functions such as input Under Voltage
Lock-Out, Current Limit and Thermal Shutdown. The MA2011 is available in SOP8L-EP
package.
FEATURES
-
3.5V to 28V Operating Input Voltage Range
-
800KHz Fixed Switching Frequency
-
Adjustable Output Voltage Range up to 38V (VFB=1.0V)
-
Up to 96% Efficiency
-
External Soft-Start Function
-
Internal Compensation
-
Internal 3A Switching Current Limit (or called Over Current Protection, OCP)
-
Thermal Shutdown Protection (or called Over Temperature Protection, OTP)
-
Input Under Voltage Lock-Out.(UVLO)
-
Available in SOP8L-EP Package
SIMPLIFIED APPLICATION CIRCUIT
VIN
VOUT=24V
C1
10uF
C4
100nF
U1
1
7
2
8
5
3
6
4 SS
EN
VIN
SW
PGND
SW
FB
GND
C5
100uF
C3
100nF
D1
SS34
C7
NC
R1
232K
Ω
R2
10K
Ω
C6
100uF
C2
10uF
L1
10uH
SW
E-PAD


Similar Part No. - MA2011ESA

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
MA201 SELEC-MA201 Datasheet
521Kb / 1P
Digital Ammeter
MA201-110V SELEC-MA201-110V Datasheet
521Kb / 1P
Digital Ammeter
MA201-110V-CU SELEC-MA201-110V-CU Datasheet
521Kb / 1P
Digital Ammeter
MA201-CU SELEC-MA201-CU Datasheet
521Kb / 1P
Digital Ammeter
logo
Murata Manufacturing Co...
MA20101BAN MURATA-MA20101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA2011ESA

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
MagnaChip Semiconductor...
MAP7103 MGCHIP-MAP7103 Datasheet
617Kb / 9P
3A, High Voltage Boost Converter
logo
Richtek Technology Corp...
RT6158H RICHTEK-RT6158H Datasheet
311Kb / 12P
High Efficiency, Low Quiescent, 3A Buck-Boost Converter
logo
E-CMOS Corporation
EC3651 E-CMOS-EC3651 Datasheet
600Kb / 10P
16V 3A 4-Switch Buck-Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
1.2MHz, High Voltage, Boost Converter
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
3A 750KHz Asynchronous Boost Converter
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
3A 750KHz Asynchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1548 HMSEMI-HM1548 Datasheet
572Kb / 5P
1MHz, 3A boost converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com