Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5621 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA5621
Description  40V Synchronous Buck Controller with 2ch CC/CV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5621 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA5621 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5621 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/11
MA5621
Major Power Technology Co., Ltd.
Rev.1.2
29
th, Mar. 2018
PIN ASSIGNMENT
The packages of MA5621 is MSOP-10L-EP ; the pin assignment is given by:
( Top view )
MSOP-10L-EP
GND
LX
CS1
SENSE
GL
BS
CS2
GH
1
2
3
4
5
6
7
8
9
10
VIN
FB
E-PAD
(GND)
Name
Description
SENSE
Power Input and Current Limit SENSE pin. Bypass SENSE (of High-side NMOS) to Ground
(of Low-side NMOS) with high capacitance ceramic MLCC (e.g. X5R) to eliminate noise, and
bypass MA5621 SENSE-pin to pin6-GND with a 0.1uf~1uf ceramic MLCC. (e.g. X5R.).
Ensure a very large SENSE area for High-side NMOS cooling.
VIN
Power Input pin. Bypass VIN to Ground (of low-side Power MOSFET) with a suitably high
capacitance E-CAP to eliminate noise, and bypass MA5621 pin3-VIN to pin6-GND with a
0.1uf ceramic MLCC (e.g. X5R.) Connect a high power package (1206 at least), precision
resistor (±1% at least) from this pin to SENSE-pin, and a large VIN area for resistor cooling
is necessary
GH
Gate driver for external high-side NMOS.
LX
Switching node and Switching sense pin.
GL
Gate driver for external Low-side NMOS.
GND Signal Ground, Output CAP Ground, FB Ground and COMP Ground.
FB
Negative feedback Input pin. FB senses the output voltage to regulate voltage. Drive FB with
a resistive voltage divider from the output voltage, and connect a CFF (X5R, 3.3nf to 22nf) as
a feed-forward CAP from FB to output. If output voltage is higher than 12V or multiple output
voltage steps (like USB PD or QC2.0/3.0/4.0), a CFB (X5R, 1nf to 10nf) as a feed-backward
CAP from FB to GND is necessary.
CS1 The Current Sense 1st channel pin.
CS2 The Current Sense 2nd channel pin.
BS
Boot-Strap pin. It supplies high-side gate driver. Decouple this pin to LX pin with 0.1uf
ceramic CAP (e.g. X5R) and a low resistance Resistor (4.7~24Ω .)
E-PAD Exposed pad. Connect to GND.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com