Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2201CA Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA2201CA
Description  High Voltage, Step-up LED Driving Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2201CA Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA2201CA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2201CA Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/13
MA2201
Major Power Technology Co., Ltd.
Rev 1.2
24
th, Mar., 2020
PIN ASSIGNMENT
( Top View )
1
2
3
4
8
7
6
5
EN
FB
SOP8L
SS
VIN
OVP
GND
GATE
SENSE
( Top View )
1
2
3
4
5
SS
FB
VIN
GND
GATE
6
SENSE
SOT23-6L
Name
Description
EN
Chip Enable Pin. Active high.
Internal pull high.
VIN
Input Supply Pin.
FB
Negative Feedback Input Pin. The
FB voltage is 0.2V. Set LED current
through a resistor from FB to GND.
SS
Soft-Start Pin. Connect an MLCC
Capacitor from SS to GND.
SENSE
Current Limit Sense Voltage Pin.
Connect this pin to GND to disable
this function.
GATE
Gate drive for external N-channel
MOSFET.
GND
Ground Pin for signal input ground,
output ground, FB ground, SS
ground, and SENSE ground.
OVP
Output Over Voltage Protection.
When OVP actives, it will turn off
switching driver. Set OVP point
through a resistor divider. Connect
to GND to disable this function.
SOP8L package only.
ORDER/MARKING INFORMATION
Order Information
Top Marking《SOP8L》
Package Type
MA2201
Packing
X X
S: SOP8L
C:SOT23-6L
Blank: Tube
A : Taping
X X X X X
MA2 2 0 1
Part number
ID code:internal
WW
: 01~52
Year
: 19 = 2019
Top Marking《SOT23-6L》
C
Week: 01~26(A~Z)
27~52(a~z)
Year: 9 = 2019
ID Code: Internal
2 Y W X



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com