Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC471D Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SVC471D
Description  CERAMIC SURGE ABSORBERS (VARISTORS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SVC471D Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SVC471D Datasheet HTML 3Page - List of Unclassifed Manufacturers SVC471D Datasheet HTML 4Page - List of Unclassifed Manufacturers SVC471D Datasheet HTML 5Page - List of Unclassifed Manufacturers SVC471D Datasheet HTML 6Page - List of Unclassifed Manufacturers SVC471D Datasheet HTML 7Page - List of Unclassifed Manufacturers SVC471D Datasheet HTML 8Page - List of Unclassifed Manufacturers SVC471D Datasheet HTML 9Page - List of Unclassifed Manufacturers SVC471D Datasheet HTML 10Page - List of Unclassifed Manufacturers SVC471D Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
51
CERAMIC SURGE ABSORBERS (VARISTORS)
SVC
07B (SVC 180D-07B to SVC680D-07B)
■ TRANSIENT V-I CHARACTERISTIC CURVES
Current waveform Under 10
-2
A : DC
Over 10
-1
A : 8/20㎲
07B (SVC 180D-07B to SVC680D-07B)
07A (SVC 820D-07A to SVC471D-07A)
07A (SVC 820D-07A to SVC471D-07A)
■ PULSE LIFETIME RATINGS
Notes : 2 - pulse : 5 - minute interval
3 to 10 - pulse : 2 -minute interval
Up to 10
6
- pulse : 10 - second intervla



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com