Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCV80-F200-R4-V15-LS221 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # PCV80-F200-R4-V15-LS221
Description  Optical reading head
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PCV80-F200-R4-V15-LS221 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  PCV80-F200-R4-V15-LS221 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PCV80-F200-R4-V15-LS221 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PCV80-F200-R4-V15-LS221 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Optical reading head
PCV80-F200-R4-V15-LS221
2
General
The PCV… reading head is part of the positioning system in the method for measurement by Pepperl+Fuchs. It
consists of a camera module and an integrated illumination unit among other things. The reading head detects po-
sition marks, which are put on an adhesive code band in the form of Data Matrix code. The mounting of the code
band is as a rule stationary on a firm part of the plant (elevator shaft, overhead conveyor mounting rails…); that of
the reading head is parallel on the moving "vehicle" (elevator car, overhead conveyor chassis…).
Mounting and commissioning
Mount the reading head such that its optical surface captures the optimal read distance to the code band (see Tech-
Dimensions
Electrical Connection
Pinout
7
1
2
3
4 5
6
8
38.5
70
14.5
1
2
1
2
3
4
5
+ UB
Data +
- UB
Data -
I/O
1
3
4
5
2
Additional Information
Accessories
V15-G-ABG-PG9
Female connector, M12, 5-pin, shielded,
field attachable
V15-G-ABG-PG9-FE
Female connector, M12, 5-pin, shielded,
field attachable
PCV-SC12
Grounding clip for PCV system
PCV-LM25
Marker head for 25 mm code tape
PCV-MB1
Mounting bracket for PCV* read head
PCV-AG80
Alignment guide for PCV80-* read head
Vision Configurator
Operating software for camera-based
sensors
PCV-USB-RS485-Converter Set
USB to RS 485 interface converter
PCV-KBL-V19-STR-RS485
Cable unit with power supply for USB / RS-
485 interface converter
ADJUST
CONFIG
1
2
LED
1
2
3
4
5
6
7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com