Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROJ Datasheet(PDF) 4 Page - ON Semiconductor

Part # MICROJ
Description  Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MICROJ Datasheet(HTML) 4 Page - ON Semiconductor

  MICROJ Datasheet HTML 1Page - ON Semiconductor MICROJ Datasheet HTML 2Page - ON Semiconductor MICROJ Datasheet HTML 3Page - ON Semiconductor MICROJ Datasheet HTML 4Page - ON Semiconductor MICROJ Datasheet HTML 5Page - ON Semiconductor MICROJ Datasheet HTML 6Page - ON Semiconductor MICROJ Datasheet HTML 7Page - ON Semiconductor MICROJ Datasheet HTML 8Page - ON Semiconductor MICROJ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
J−Series SiPM Sensors
www.onsemi.com
4
Figure 4. Gain vs. Overvoltage
(MicroFJ−30035−TSV)
Figure 5. Fast Output Pulse Shape
(MicroFJ−30035, MicroFJ−40035, MicroFJ−60035
Vbr + 2.5 V, 10 W Sense Resistor)
Figure 6. Standard Output Pulse Shape
(MicroFJ−30035, MicroFJ−40035, MicroFJ−60035
Vbr + 2.5 V, 10 W Sense Resistor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com