Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP2A Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PIMXRT516SCVP2A
Description  i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP2A Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PIMXRT516SCVP2A Datasheet HTML 23Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 24Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 25Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 26Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 27Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 28Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 29Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 30Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 128 page
background image
Electrical characteristics
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021
NXP Semiconductors
27
Table 11. Operating ranges
Parameter
Description
Symbol
Operating
Conditions
Min
Max1
Unit
Comment
Run Mode
VDD_SOC_IN
Overdrive M7 core at 1
GHz
1.1
1.15
V
The FBB_DISABLE fuse bit must be
checked on each device to determine
if FBB must be enabled along with
overdrive to operate the M7 core at
frequencies above 700 MHz. If
FBB_DISABLE = 0, then FBB must
be enabled when the SOC domain is
in overdrive mode. If FBB_DISABLE
= 1, then FBB should not be enabled
when the SOC domain is in overdrive
mode.
M7 core at 700 MHz
1.0
1.15
V
——
M7 core at 240 MHz
0.9
1.15
V
—
VDD_LPSR_DIG
M4 core at 400 MHz
1.1
1.15
V
—
M4 core at 240 MHz
1.0
1.15
V
—
M4 core at 120 MHz
0.9
1.15
V
—
STANDBY Mode
VDD_SOC_IN
M7 core
0.8
1.15
V
—
VDD_LPSR_DIG
M4 core
0.8
1.15
V
—
Power for DCDC
DCDC_IN
—
3.0
3.6
V
—
Power for PLL,
OSC, and LDOs
VDDA_1P8_IN
—
1.71
1.89
V
—
Power for LPSR
domain
VDD_LPSR_IN
—
3.0
3.6
V
—
Power for SNVS
and RTC
VDD_SNVS_IN
—
2.4
3.6
V
—
Power for USB
OTG PHYs
VDD_USB_1P8
—
1.65
1.95
V
—
VDD_USB_3P3
—
3.0
3.6
V
—
Power for ADC,
DAC, and ACMP
VDDA_ADC_1P8
—
1.65
1.95
V
—
VDDA_ADC_3P3
—
3.0
3.6
V
—
ADC_VREFH
—
1.0
1.89
V
—
Power for MIPI
CSI/DSI PHY
VDD_MIPI_1P8
—
1.65
1.95
V
—
VDD_MIPI_1P0
—
0.9
1.1
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com