Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88141 Datasheet(PDF) 21 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 17Page - ASIX Electronics Corporation AX88141 Datasheet HTML 18Page - ASIX Electronics Corporation AX88141 Datasheet HTML 19Page - ASIX Electronics Corporation AX88141 Datasheet HTML 20Page - ASIX Electronics Corporation AX88141 Datasheet HTML 21Page - ASIX Electronics Corporation AX88141 Datasheet HTML 22Page - ASIX Electronics Corporation AX88141 Datasheet HTML 23Page - ASIX Electronics Corporation AX88141 Datasheet HTML 24Page - ASIX Electronics Corporation AX88141 Datasheet HTML 25Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
21
CONFIDENTIAL
4.2.8 Status Register (REG5)
1.
The status register contains all the status bits that the AX88141 reports to the host.
2.
Most of the fields in this register cause the host to be interrupted.
3.
REG5 bits are not cleared when read.
4.
Writing 1 to these bits clears them; writing 0 has no effect. Each field can be masked.
Field
R/W/C
Description
31:26
-
Reserved
25
24
23
Description
0
0
0
Parity error
0
0
1
Master abort
0
1
0
Target abort
0
1
1
Reserved
25:23
R
EB - Error Bits
(Not generate interrupt)
Indicates the type of error that
caused system error.
Valid only when fatal bus error
REG5<13> is set.
1
x
x
Reserved
22:20
-
Reserved.--Written as “0” for future compatibility concern.
19:17
-
Reserved.--Written as “0” for future compatibility concern.
NIS - Normal Interrupt Summary
Only the unmasked bits affect normal interrupt summary REG5<16> bit Normal interrupt summary bit. Its
value is the logical OR of :
CSR5<0>
transmit interrupt
CSR5<2>
transmit buffer unavailable
CSR5<6>
receive interrupt
CSR5<10>
Early transmit interrupt
16
R
CSR5<11>
General-purpose timer expired
AIS - Abnormal Interrupt Summary
Only unmasked bits affect only the abnormal interrupt summary REG5<15> bit.
Abnormal interrupt summary bits. Its value is the logical OR of :
CSR5<1>
transmit process stopped
CSR5<3>
transmit jabber time out
CSR5<5>
transmit under-flow
CSR5<7>
receive buffer unavailable
CSR5<8>
receive process stopped
CSR5<9>
receive watchdog time out
15
R
CSR5<13>
fatal bus error
13
R
FBE - Fatal Bus Error
Indicates that a system error occurred. If a system error occurs, all bus accesses are disabled
11
R/W/C
GTE - General Purpose Timer Expired
Indicates that the general-purpose timer (REG11) counter has expired. This timer is mainly used by the
software driver.
10
R/W/C
ETI - Early Transmit Interrupt
Indicates that the packet to be transmitted was fully transferred into the chip‘s internal transmit FIFOs.
Transmit interrupt (REG5<0>) automatically clears this bit.
9
R/W/C
RWT - Receive watchdog Time out
Indicates that the receive watchdog timer expired and another node is still active on the network. In case of
overflow, the long packets may not be received.
8
R/W/C
RPS - Receive Process Stopped
Asserts when the receive process enters stopped state.
7
R/W/C
RU - Receive Buffer Unavailable
Indicates the next descriptor in the receive list is owned by the host and cannot be acquired by the
AX88141.The reception process is suspended.
6
R/W/C
RI - Receive Interrupt
Indicates the completion of a frame reception. Specific frame status information has been posted in the
descriptor. The reception process remains in the running state.
5
R/W/C
UNF - Transmit Under-flow
Indicates that the transmit FIFO had an under-flow condition during the packet transmission. The transmit
process is placed in the suspended state and under-flow error TDES0<1> is set.
4
-
Reserved.--Written as “0” for future compatibility concern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com